Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC6320C Arkusz danych(PDF) 6 Page - Fairchild Semiconductor

Numer części FDC6320C
Szczegółowy opis  Dual N & P Channel , Digital FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6320C Arkusz danych(HTML) 6 Page - Fairchild Semiconductor

  FDC6320C Datasheet HTML 1Page - Fairchild Semiconductor FDC6320C Datasheet HTML 2Page - Fairchild Semiconductor FDC6320C Datasheet HTML 3Page - Fairchild Semiconductor FDC6320C Datasheet HTML 4Page - Fairchild Semiconductor FDC6320C Datasheet HTML 5Page - Fairchild Semiconductor FDC6320C Datasheet HTML 6Page - Fairchild Semiconductor FDC6320C Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
FDC6320C.Rev C
Typical Electrical Characteristics: P-Channel
Figure 11. On-Region Characteristics.
Figure 12. On-Resistance Variation with
Drain Current and Gate Voltage.
Figure 13. On-Resistance Variation
with Temperature.
Figure 15. Transfer Characteristics.
Figure 16. Body Diode Forward Voltage
Variation with Source Current and
Temperature.
Figure 14. On Resistance Variation with
Gate-To- Source Voltage.
0
1
2
3
4
0
0.05
0.1
0.15
0.2
-V
, DRAIN-SOURCE VOLTAGE (V)
V
= -5.0V
GS
DS
-4.5
-2.7
-2.5
-2.0
-3.0
-3.5
-4.0
0
0.05
0.1
0.15
0.2
0.5
1
1.5
2
-I
, DRAIN CURRENT (A)
V
= -2.0 V
GS
D
-3.5
-4.5
-2.7
-2.5
-3.0
-4.0
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1
1.2
1.4
1.6
T , JUNCTION TEMPERATURE (°C)
J
V
= -2.7V
GS
I = -0.05A
D
0
1
2
3
4
5
6
7
8
0
5
10
15
20
25
-V
,GATE TO SOURCE VOLTAGE (V)
GS
I = -0.05A
D
T = 25°C
A
125 °C
-3
-2.5
-2
-1.5
-1
-0.5
-1
-0.75
-0.5
-0.25
0
V
, GATE TO SOURCE VOLTAGE (V)
V
= -5V
DS
GS
T
= -55°C
J
125°C
25°C
0
0.2
0.4
0.6
0.8
1
1.2
0.0001
0.01
0.1
0.5
-V
, BODY DIODE FORWARD VOLTAGE (V)
T = 125°C
J
25°C
-55°C
V
= 0V
GS
SD


Podobny numer części - FDC6320C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDC6321C FAIRCHILD-FDC6321C Datasheet
273Kb / 11P
   Dual N & P Channel , Digital FET
logo
VBsemi Electronics Co.,...
FDC6321C VBSEMI-FDC6321C Datasheet
1Mb / 10P
   N- and P-Channel V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
FDC6321C-TP TECHPUBLIC-FDC6321C-TP Datasheet
1Mb / 3P
   N-Channel P-Channel Enhancement Mode MOSFET
logo
Fairchild Semiconductor
FDC6322 FAIRCHILD-FDC6322 Datasheet
96Kb / 7P
   Dual N & P Channel , Digital FET
FDC6322C FAIRCHILD-FDC6322C Datasheet
96Kb / 7P
   Dual N & P Channel , Digital FET
More results

Podobny opis - FDC6320C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDC6322C FAIRCHILD-FDC6322C Datasheet
96Kb / 7P
   Dual N & P Channel , Digital FET
FDG6322C FAIRCHILD-FDG6322C_08 Datasheet
674Kb / 9P
   Dual N & P Channel Digital FET
FDG6321C FAIRCHILD-FDG6321C Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
FDG6322C FAIRCHILD-FDG6322C Datasheet
247Kb / 12P
   Dual N & P Channel Digital FET
FDG6320C FAIRCHILD-FDG6320C Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
FDC6321C FAIRCHILD-FDC6321C Datasheet
273Kb / 11P
   Dual N & P Channel , Digital FET
FDG6302P FAIRCHILD-FDG6302P Datasheet
302Kb / 8P
   Dual P-Channel, Digital FET
FDC6304P FAIRCHILD-FDC6304P Datasheet
74Kb / 4P
   Digital FET, Dual P-Channel
FDG6318P FAIRCHILD-FDG6318P Datasheet
123Kb / 5P
   Dual P-Channel, Digital FET
FDG6318PZ FAIRCHILD-FDG6318PZ Datasheet
217Kb / 9P
   Dual P-Channel, Digital FET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com