Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC6324L Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FDC6324L
Szczegółowy opis  Integrated Load Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6324L Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FDC6324L Datasheet HTML 1Page - Fairchild Semiconductor FDC6324L Datasheet HTML 2Page - Fairchild Semiconductor FDC6324L Datasheet HTML 3Page - Fairchild Semiconductor FDC6324L Datasheet HTML 4Page - Fairchild Semiconductor FDC6324L Datasheet HTML 5Page - Fairchild Semiconductor FDC6324L Datasheet HTML 6Page - Fairchild Semiconductor FDC6324L Datasheet HTML 7Page - Fairchild Semiconductor FDC6324L Datasheet HTML 8Page - Fairchild Semiconductor FDC6324L Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
March 1999
FDC6324L
Integrated Load Switch
General Description
Features
Absolute Operating Range T
A = 25°C unless otherwise noted
Symbol
Parameter
FDC6324L
Units
V
IN
Input Voltage Range
3 - 20
V
V
ON/OFF
ON/OFF Voltage Range
1.5 - 8
V
I
L
Load Current @ V
DROP=0.5V - Continuous
(Note 1)
1.5
A
- Pulsed
(Note 1 & 3)
2.5
P
D
Maximum Power Dissipation
(Note 2a)
0.7
W
T
J,TSTG
Operating and Storage Temperature Range
-55 to 150
°C
ESD
Electrostatic Discharge Rating MIL-STD-883D Human Body
Model (100pf/1500Ohm)
6
kV
THERMAL CHARACTERISTICS
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 2a)
180
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 2)
60
°C/W
FDC6324L Rev. D
These Integrated Load Switches are produced using
Fairchild's
proprietary,
high
cell
density,
DMOS
technology.
This
very
high
density
process
is
especially tailored to minimize on-state resistance and
provide superior switching performance. These devices
are particularly suited for low voltage high side load
switch application where low conduction loss and ease
of driving are needed.
V
DROP=0.2V @ VIN=12V, IL=1A, VON/OFF=1.5 to 8V
V
DROP=0.3V @ VIN=5V, IL=1A, VON/OFF=1.5 to 8V.
High density cell design for extremely low on-resistance.
V
ON/OFF Zener protection for ESD ruggedness.
>6KV Human Body Model.
SuperSOT
TM-6 package design using copper lead frame for
superior thermal and electrical capabilities.
See Application Circuit
1
5
6
3
2
V in,R1
Vout,C1
R2
ON/O FF
R1,C1
Q2
Q1
Vout,C1
4
IN
OUT
ON/O FF
EQUIVALENT CIRCUIT
V
DROP
+
-
SuperSOT -6
TM
pin 1
SOT-23
SuperSOT
TM-8
SOIC-16
SO-8
SOT-223
SuperSOT
TM-6
© 1999 Fairchild Semiconductor Corporation


Podobny numer części - FDC6324L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FDC6324L ONSEMI-FDC6324L Datasheet
242Kb / 7P
   Integrated Load Switch
October-2017, Rev. 4
More results

Podobny opis - FDC6324L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDG6342L FAIRCHILD-FDG6342L Datasheet
1Mb / 4P
   Integrated Load Switch
FDC6331L FAIRCHILD-FDC6331L Datasheet
57Kb / 4P
   Integrated Load Switch
logo
ON Semiconductor
FDC6329L ONSEMI-FDC6329L Datasheet
427Kb / 4P
   Integrated Load Switch
October-2017, Rev. 3
logo
Fairchild Semiconductor
FDC6901L FAIRCHILD-FDC6901L Datasheet
121Kb / 5P
   Integrated Load Switch
FDC6323L FAIRCHILD-FDC6323L Datasheet
264Kb / 10P
   Integrated Load Switch
logo
ON Semiconductor
FDC6324L ONSEMI-FDC6324L Datasheet
242Kb / 7P
   Integrated Load Switch
October-2017, Rev. 4
logo
Fairchild Semiconductor
FDZ2040L FAIRCHILD-FDZ2040L Datasheet
738Kb / 11P
   Integrated Load Switch
FDG6324L FAIRCHILD-FDG6324L Datasheet
173Kb / 7P
   Integrated Load Switch
FDC6325L FAIRCHILD-FDC6325L Datasheet
98Kb / 5P
   Integrated Load Switch
FDC6329L FAIRCHILD-FDC6329L Datasheet
282Kb / 7P
   Integrated Load Switch
FDC6330L FAIRCHILD-FDC6330L Datasheet
185Kb / 7P
   Integrated Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com