Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LCX14MTCX Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części 74LCX14MTCX
Szczegółowy opis  74LCX14 Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX14MTCX Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  74LCX14MTCX Datasheet HTML 1Page - Fairchild Semiconductor 74LCX14MTCX Datasheet HTML 2Page - Fairchild Semiconductor 74LCX14MTCX Datasheet HTML 3Page - Fairchild Semiconductor 74LCX14MTCX Datasheet HTML 4Page - Fairchild Semiconductor 74LCX14MTCX Datasheet HTML 5Page - Fairchild Semiconductor 74LCX14MTCX Datasheet HTML 6Page - Fairchild Semiconductor 74LCX14MTCX Datasheet HTML 7Page - Fairchild Semiconductor 74LCX14MTCX Datasheet HTML 8Page - Fairchild Semiconductor 74LCX14MTCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
©1995 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LCX14 Rev. 1.7.0
5
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
Unit
Typical
VOLP
Quiet Output Dynamic Peak VOL
3.3
CL = 50pF, VIH = 3.3V, VIL = 0V
0.8
V
2.5
CL = 30pF, VIH = 2.5V, VIL = 0V
0.6
VOLV
Quiet Output Dynamic Valley VOL
3.3
CL = 50pF, VIH = 3.3V, VIL = 0V
–0.8
V
2.5
CL = 30pF, VIH = 2.5V, VIL = 0V
–0.6
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC = Open, VI = 0V or VCC
7pF
COUT
Output Capacitance
VCC = 3.3V, VI = 0V or VCC
8pF
CPD
Power Dissipation Capacitance
VCC = 3.3V, VI = 0V or VCC, f = 10MHz
25
pF


Podobny numer części - 74LCX14MTCX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LCX14MTCX_NL FAIRCHILD-74LCX14MTCX_NL Datasheet
82Kb / 11P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
More results

Podobny opis - 74LCX14MTCX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74LCX14 ONSEMI-74LCX14 Datasheet
756Kb / 14P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
December 2013 Rev. 1.7.1
logo
Fairchild Semiconductor
74LCX14MX FAIRCHILD-74LCX14MX Datasheet
777Kb / 13P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
74LCX14 FAIRCHILD-74LCX14_08 Datasheet
766Kb / 13P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
74LCX14 FAIRCHILD-74LCX14 Datasheet
82Kb / 11P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
logo
STMicroelectronics
74LVX14 STMICROELECTRONICS-74LVX14 Datasheet
160Kb / 11P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
74LCX14 STMICROELECTRONICS-74LCX14_06 Datasheet
243Kb / 15P
   Low voltage CMOS HEX SCHMITT inverter with 5V tolerant inputs
74LCX14 STMICROELECTRONICS-74LCX14 Datasheet
113Kb / 8P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
logo
Toshiba Semiconductor
TC74LCX14F TOSHIBA-TC74LCX14F Datasheet
261Kb / 8P
   LOW VOLTAGE HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX04 FAIRCHILD-74LCX04 Datasheet
519Kb / 11P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX04 ONSEMI-74LCX04 Datasheet
750Kb / 14P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com