Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SA1451A-YF Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części 2SA1451A-YF
Szczegółowy opis  High-Speed, High-Current Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1451A-YF Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  2SA1451A-YF Datasheet HTML 1Page - Toshiba Semiconductor 2SA1451A-YF Datasheet HTML 2Page - Toshiba Semiconductor 2SA1451A-YF Datasheet HTML 3Page - Toshiba Semiconductor 2SA1451A-YF Datasheet HTML 4Page - Toshiba Semiconductor 2SA1451A-YF Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SA1451A
2006-11-09
1
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
2SA1451A
High-Speed, High-Current Switching Applications
• Low collector saturation voltage
: VCE (sat) = −0.4 V (max) (IC = −6 A)
• High-speed switching: tstg = 1.0 μs (typ.)
• Complementary to 2SC3709A
Absolute Maximum Ratings (Tc = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−60
V
Collector-emitter voltage
VCEO
−50
V
Emitter-base voltage
VEBO
−6
V
Collector current
IC
−12
A
Base current
IB
−2
A
Collector power dissipation
(Tc = 25°C)
PC
30
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating
conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Unit: mm
JEDEC
JEITA
TOSHIBA
2-10R1A
Weight: 1.7 g (typ.)


Podobny numer części - 2SA1451A-YF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SA1451A TOSHIBA-2SA1451A Datasheet
218Kb / 4P
   TRANSISTOR (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS)
2SA1451A TOSHIBA-2SA1451A Datasheet
154Kb / 5P
   High-Speed, High-Current Switching Applications
logo
New Jersey Semi-Conduct...
2SA1451A NJSEMI-2SA1451A Datasheet
181Kb / 2P
   Silicon PNP Power Transistor
logo
Toshiba Semiconductor
2SA1451A TOSHIBA-2SA1451A_06 Datasheet
154Kb / 5P
   High-Speed, High-Current Switching Applications
More results

Podobny opis - 2SA1451A-YF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
GCA150AA120 ETC-GCA150AA120 Datasheet
495Kb / 3P
   High speed, high current switching applications.
logo
Toshiba Semiconductor
2SK1120F TOSHIBA-2SK1120F Datasheet
258Kb / 5P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS
2SA1451A TOSHIBA-2SA1451A_06 Datasheet
154Kb / 5P
   High-Speed, High-Current Switching Applications
2SA1452A TOSHIBA-2SA1452A_06 Datasheet
154Kb / 5P
   High-Speed, High-Current Switching Applications
logo
SanRex Corporation
GSA400AA120 SANREX-GSA400AA120 Datasheet
497Kb / 3P
   High speed, high current switching applications.
logo
Toshiba Semiconductor
2SK674 TOSHIBA-2SK674 Datasheet
66Kb / 2P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS.
logo
List of Unclassifed Man...
GCA75AA120 ETC-GCA75AA120 Datasheet
508Kb / 3P
   High speed, high current switching applications.
logo
Toshiba Semiconductor
S2370 TOSHIBA-S2370 Datasheet
166Kb / 2P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS.
2SK1929 TOSHIBA-2SK1929 Datasheet
531Kb / 6P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS.
2SK2228 TOSHIBA-2SK2228 Datasheet
134Kb / 2P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS.
1996-12-01
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com