Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDD6035 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FDD6035
Szczegółowy opis  N-Channel, Logic Level, PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6035 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FDD6035 Datasheet HTML 1Page - Fairchild Semiconductor FDD6035 Datasheet HTML 2Page - Fairchild Semiconductor FDD6035 Datasheet HTML 3Page - Fairchild Semiconductor FDD6035 Datasheet HTML 4Page - Fairchild Semiconductor FDD6035 Datasheet HTML 5Page - Fairchild Semiconductor FDD6035 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
July 2003
©2003 Fairchild Semiconductor Corporation
FDD6035AL Rev. D(W)
FDD6035AL
30V N-Channel PowerTrench
® MOSFET
General Description
This N-Channel MOSFET is produced using Fairchild
Semiconductor’s advanced PowerTrench process that
has been especially tailored to minimize the on state
resistance and yet maintain low gate charge for
superior switching performance.
Applications
• DC/DC converter
• Motor Drives
Features
• 46 A, 30 V
RDS(ON) = 12 m
Ω @ V
GS = 10 V
RDS(ON) = 14 m
Ω @ V
GS = 4.5 V
• Low gate charge
• Fast Switching Speed
• High performance trench technology for extremely
low RDS(ON)
G
S
D
TO-252
D-PAK
(TO-252)
S
G
D
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
30
V
VGSS
Gate-Source Voltage
±20
V
ID
Continuous Drain Current @TC=25°C
(Note 3)
46
A
@TA=25°C
(Note 1a)
12
Pulsed
(Note 1a)
100
Power Dissipation
@TC=25°C
(Note 3)
56
@TA=25°C
(Note 1a)
3.3
PD
@TA=25°C
(Note 1b)
1.5
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +175
°C
Thermal Characteristics
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
2.7
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
45
RθJA
(Note 1b)
96
Package Marking and Ordering Information
Device Marking
Device
Package
Reel Size
Tape width
Quantity
FDD6035AL
FDD6035AL
D-PAK (TO-252)
13’’
12mm
2500 units


Podobny numer części - FDD6035

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VBsemi Electronics Co.,...
FDD6035AL VBSEMI-FDD6035AL Datasheet
1,020Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
Inchange Semiconductor ...
FDD6035AL ISC-FDD6035AL Datasheet
352Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - FDD6035

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDT461N FAIRCHILD-FDT461N Datasheet
267Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP6030BL FAIRCHILD-FDP6030BL Datasheet
401Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP7045L FAIRCHILD-FDP7045L Datasheet
428Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
226Kb / 6P
   N-Channel, Logic Level, PowerTrench??MOSFET
logo
ON Semiconductor
FDMS9409L_F085 ONSEMI-FDMS9409L_F085 Datasheet
604Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
October 2016 Rev. 1.0
FDD9411L_F085 ONSEMI-FDD9411L_F085 Datasheet
580Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
FDD9409L_F085 ONSEMI-FDD9409L_F085 Datasheet
608Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP7045L FAIRCHILD-FDP7045L_04 Datasheet
110Kb / 5P
   N-Channel Logic Level PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDB7045L KEXIN-KDB7045L Datasheet
58Kb / 2P
   N-Channel Logic Level PowerTrench MOSFET
logo
Fairchild Semiconductor
FDD6680A FAIRCHILD-FDD6680A Datasheet
200Kb / 8P
   N-Channel, Logic Level, PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com