Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDD6670A Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części FDD6670A
Szczegółowy opis  N-Channel, Logic Level, PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6670A Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  FDD6670A Datasheet HTML 1Page - Fairchild Semiconductor FDD6670A Datasheet HTML 2Page - Fairchild Semiconductor FDD6670A Datasheet HTML 3Page - Fairchild Semiconductor FDD6670A Datasheet HTML 4Page - Fairchild Semiconductor FDD6670A Datasheet HTML 5Page - Fairchild Semiconductor FDD6670A Datasheet HTML 6Page - Fairchild Semiconductor FDD6670A Datasheet HTML 7Page - Fairchild Semiconductor FDD6670A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
D-PAK (TO-252) Packaging
Configuration: Figure 1.0
Components
TO-252 (D-PAK) Tape Leader and
Trailer Configuration: Figure 2.0
Cover Tape
Carrier Tape
Note/Comments
Packaging Option
D-PAK (TO-252) Packaging Information
Standard
(no flow code)
Packaging type
Reel Size
TNR
13" Dia
Qty per Reel/Tube/Bag
2,500
Box Dimension (mm)
359x359x57
Max qty per Box
5,000
Weight per unit (gm)
0.300
Weight per Reel(kg)
1.200
ESD Label
F63TNR Label
359mm x 359mm x 57mm
Standard Intermediate box
D-PAK (TO-252) Unit Orientation
F63TNR Label sample
Static Dissipative
Embossed Carrier Tape
F63TNR
Label
Antistatic Cover Tape
ESD Label
EL ECTRO STATIC
SEN SIT IVE DEVI CES
DO NO T SHI P OR STO RE N EAR ST RO NG EL ECT ROST AT IC
EL ECT RO M AGN ETI C, M AG NET IC O R R ADIO ACT IVE FI ELD S
TNR DATE
PT NUMB ER
PEEL STREN GTH MIN ___ __ ____ __ ___gms
MAX ___ ___ ___ ___ _ gms
LOT: CBVK741B019
FSID: FDD6680
D/C1: Z9942
QTY1:
SPEC REV:
SPEC:
QTY: 2500
D/C2:
QTY2:
CPN:
N/F: F
(F63TNR)3
Packaging Description:
TO-252 parts are shipped in tape. The carrier tape is
made from a dissipative (carbon filled) polycarbonate
resin. The cover tape is a multilayer film (Heat Activated
Adhesive in nature) primarily composed of polyester film,
adhesive layer, sealant, and anti-static sprayed agent.
These reeled parts in standard option are shipped with
2500 units per 13" or 330cm diameter reel. The reels are
dark blue in color and is made of polystyrene plastic (anti-
static coated). This and some other options are further
described in the Packaging Information table.
These full reels are individually barcode labeled and
placed inside a standard intermediate box (illustrated in
figure 1.0) made of recyclable corrugated brown paper.
One box contains two reels maximum. And these boxes
are placed inside a barcode labeled shipping box which
comes in different sizes depending on the number of parts
shipped.
Leader Tape
1680mm minimum or
210 empty pockets
Trailer Tape
640mm minimum or
80 empty pockets
TO-252 Tape and Reel Data and Package Dimensions
July 1999, Rev. A


Podobny numer części - FDD6670A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDD6670A FAIRCHILD-FDD6670A Datasheet
110Kb / 6P
   30V N-Channel PowerTrench MOSFET
logo
Inchange Semiconductor ...
FDD6670A ISC-FDD6670A Datasheet
351Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Guangdong Youtai Semico...
FDD6670A UMW-FDD6670A Datasheet
458Kb / 6P
   30V N-Channel MOSFET
logo
Fairchild Semiconductor
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
logo
Inchange Semiconductor ...
FDD6670AL ISC-FDD6670AL Datasheet
351Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - FDD6670A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDT461N FAIRCHILD-FDT461N Datasheet
267Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP6030BL FAIRCHILD-FDP6030BL Datasheet
401Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP7045L FAIRCHILD-FDP7045L Datasheet
428Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
226Kb / 6P
   N-Channel, Logic Level, PowerTrench??MOSFET
logo
ON Semiconductor
FDMS9409L_F085 ONSEMI-FDMS9409L_F085 Datasheet
604Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
October 2016 Rev. 1.0
FDD9411L_F085 ONSEMI-FDD9411L_F085 Datasheet
580Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
FDD9409L_F085 ONSEMI-FDD9409L_F085 Datasheet
608Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP7045L FAIRCHILD-FDP7045L_04 Datasheet
110Kb / 5P
   N-Channel Logic Level PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDB7045L KEXIN-KDB7045L Datasheet
58Kb / 2P
   N-Channel Logic Level PowerTrench MOSFET
logo
Fairchild Semiconductor
FDD6035AL FAIRCHILD-FDD6035AL Datasheet
119Kb / 6P
   N-Channel, Logic Level, PowerTrench MOSFET
FDD6680A FAIRCHILD-FDD6680A Datasheet
200Kb / 8P
   N-Channel, Logic Level, PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com