Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ULN2004ADRE4 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części ULN2004ADRE4
Szczegółowy opis  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ULN2004ADRE4 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button ULN2004ADRE4 Datasheet HTML 6Page - Texas Instruments ULN2004ADRE4 Datasheet HTML 7Page - Texas Instruments ULN2004ADRE4 Datasheet HTML 8Page - Texas Instruments ULN2004ADRE4 Datasheet HTML 9Page - Texas Instruments ULN2004ADRE4 Datasheet HTML 10Page - Texas Instruments ULN2004ADRE4 Datasheet HTML 11Page - Texas Instruments ULN2004ADRE4 Datasheet HTML 12Page - Texas Instruments ULN2004ADRE4 Datasheet HTML 13Page - Texas Instruments ULN2004ADRE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
0
Duty Cycle - %
600
100
0
10
20
30
40
50
60
70
80
90
100
200
300
400
500
TA = 70°C
N = Number of Outputs
Conducting Simultaneously
N = 6
N = 7
N = 5
N = 3
N = 2
N = 1
N = 4
0
II - Input Current - µA
500
200
0
25
50
75
100
125
150
175
50
100
150
200
250
300
350
400
450
VS = 10 V
VS = 8 V
RL = 10 Ω
TA = 25°C
2
1.5
1
0.5
700
600
500
400
300
200
100
0
800
2.5
IC(tot) - Total Collector Current - mA
0
II = 250 µA
II = 350 µA
II = 500 µA
TA = 25°C
0
IC - Collector Current - mA
2.5
800
0
100
200
300
400
500
600
700
0.5
1
1.5
2
II = 350 µA
II = 500 µA
TA = 25°C
II = 250 µA
ULN2002A, ULN2003A, ULN2003AI, ULN2004A
ULQ2003A, ULQ2004A
SLRS027M – DECEMBER 1976 – REVISED FEBRUARY 2013
www.ti.com
TYPICAL CHARACTERISTICS
COLLECTOR-EMITTER SATURATION VOLTAGE
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
vs
TOTAL COLLECTOR CURRENT (TWO DARLINGTONS IN
COLLECTOR CURRENT (ONE DARLINGTON)
PARALLEL)
Figure 11.
Figure 12.
D PACKAGE
COLLECTOR CURRENT
MAXIMUM COLLECTOR CURRENT
vs
vs
INPUT CURRENT
DUTY CYCLE
Figure 13.
Figure 14.
10
Submit Documentation Feedback
Copyright © 1976–2013, Texas Instruments Incorporated
Product Folder Links: ULN2002A ULN2003A ULN2003AI ULN2004A ULQ2003A ULQ2004A


Podobny numer części - ULN2004ADRE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ULN2004ADRE4 TI-ULN2004ADRE4 Datasheet
513Kb / 19P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2004ADRE4 TI-ULN2004ADRE4 Datasheet
657Kb / 22P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2004ADRE4 TI-ULN2004ADRE4 Datasheet
859Kb / 26P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
ULN2004ADRE4 TI1-ULN2004ADRE4 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
ULN2004ADRE4 TI1-ULN2004ADRE4 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
More results

Podobny opis - ULN2004ADRE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC1413 ONSEMI-MC1413 Datasheet
75Kb / 6P
   High Voltage, High Current Darlington Transistor Arrays
April, 2004 ??Rev. 6
logo
Texas Instruments
ULN2002A TI1-ULN2002A_16 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
ULQ2003A-Q1 TI1-ULQ2003A-Q1_15 Datasheet
984Kb / 25P
[Old version datasheet]   High-Voltage High-Current Darlington Transistor Arrays
logo
Tiger Electronic Co.,Lt...
ULN2004 TGS-ULN2004_17 Datasheet
5Mb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
ULN2003A ONSEMI-ULN2003A Datasheet
82Kb / 5P
   High Voltage, High Current Darlington Transistor Arrays
November, 2007 - Rev. 0
logo
Texas Instruments
SN75424N TI-SN75424N Datasheet
112Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
MC1413 ONSEMI-MC1413_06 Datasheet
76Kb / 8P
   High Voltage, High Current Darlington Transistor Arrays
July, 2006 ??Rev. 8
logo
Exar Corporation
XR-2004 EXAR-XR-2004 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A_13 Datasheet
541Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Integral Corp.
ILN2003A INTEGRAL-ILN2003A Datasheet
291Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com