Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI7949DP-T1-E3 Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części SI7949DP-T1-E3
Szczegółowy opis  Dual P-Channel 60-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7949DP-T1-E3 Arkusz danych(HTML) 2 Page - Vishay Siliconix

  SI7949DP-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI7949DP-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI7949DP-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI7949DP-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI7949DP-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI7949DP-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI7949DP-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI7949DP-T1-E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number: 73130
S09-0223-Rev. B, 09-Feb-09
Vishay Siliconix
Si7949DP
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 1
- 3
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 60 V, VGS = 0 V
- 1
µA
VDS = - 60 V, VGS = 0 V, TJ = 70 °C
- 10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = - 10 V
- 25
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 10 V, ID = - 5 A
0.051
0.064
Ω
VGS = - 4.5 V, ID = - 4.5 A
0.064
0.080
Forward Transconductancea
gfs
VDS = - 15 V, ID = - 5 A
16
S
Diode Forward Voltagea
VSD
IS = - 2.9 A, VGS = 0 V
- 0.8
- 1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = - 30 V, VGS = - 10 V, ID = - 5 A
26
40
nC
Gate-Source Charge
Qgs
4.5
Gate-Drain Charge
Qgd
7.0
Gate Resistance
Rg
7.0
Ω
Turn-On Delay Time
td(on)
VDD = - 30 V, RL = 30 Ω
ID ≅ - 1 A, VGEN = - 10 V, Rg = 6 Ω
815
ns
Rise Time
tr
915
Turn-Off Delay Time
td(off)
65
100
Fall Time
tf
30
45
Source-Drain Reverse Recovery Time
trr
IF = - 5 A, dI/dt = 100 A/µs
41
70
Output Characteristics
0
5
10
15
20
25
30
0
2468
10
VGS = 10 V thru 5 V
3 V
DS
V
- Drain-to-Source Voltage (V)
4 V
Transfer Characteristics
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
25 °C
TC = 125 °C
- 55 °C
GS
V
- Gate-to-Source Voltage (V)


Podobny numer części - SI7949DP-T1-E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI7949DP VISHAY-SI7949DP Datasheet
307Kb / 12P
   Dual P-Channel 60-V (D-S) MOSFET
Rev. B, 09-Feb-09
SI7949DP VISHAY-SI7949DP Datasheet
304Kb / 12P
   Dual P-Channel 60-V (D-S) MOSFET
01-Jan-2022
SI7949DP VISHAY-SI7949DP_V01 Datasheet
304Kb / 12P
   Dual P-Channel 60-V (D-S) MOSFET
01-Jan-2022
More results

Podobny opis - SI7949DP-T1-E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Power
AM7961P ANALOGPOWER-AM7961P Datasheet
368Kb / 5P
   Dual P-Channel 60-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBA4670 VBSEMI-VBA4670 Datasheet
728Kb / 9P
   Dual P-Channel 60-V (D-S) MOSFET
VB4610N VBSEMI-VB4610N Datasheet
728Kb / 9P
   Dual P-Channel 60-V (D-S) MOSFET
UT6401L-AG6-R VBSEMI-UT6401L-AG6-R Datasheet
504Kb / 9P
   Dual P-Channel 60-V (D-S) MOSFET
NDS7003P VBSEMI-NDS7003P Datasheet
497Kb / 9P
   Dual P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7949DP VISHAY-SI7949DP_V01 Datasheet
304Kb / 12P
   Dual P-Channel 60-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
NDC7003P VBSEMI-NDC7003P Datasheet
497Kb / 9P
   Dual P-Channel 60-V (D-S) MOSFET
VBA4625 VBSEMI-VBA4625 Datasheet
442Kb / 9P
   Dual P-Channel 60-V (D-S) MOSFET
UPA607T VBSEMI-UPA607T Datasheet
504Kb / 9P
   Dual P-Channel 60-V (D-S) MOSFET
VBA4670 VBSEMI-VBA4670_V01 Datasheet
736Kb / 9P
   Dual P-Channel 60-V (D-S) MOSFET
logo
Analog Power
AM1963PE ANALOGPOWER-AM1963PE Datasheet
350Kb / 5P
   Dual P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com