Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC3302DR2G Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części MC3302DR2G
Szczegółowy opis  Single Supply Quad Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC3302DR2G Arkusz danych(HTML) 6 Page - ON Semiconductor

Back Button MC3302DR2G Datasheet HTML 2Page - ON Semiconductor MC3302DR2G Datasheet HTML 3Page - ON Semiconductor MC3302DR2G Datasheet HTML 4Page - ON Semiconductor MC3302DR2G Datasheet HTML 5Page - ON Semiconductor MC3302DR2G Datasheet HTML 6Page - ON Semiconductor MC3302DR2G Datasheet HTML 7Page - ON Semiconductor MC3302DR2G Datasheet HTML 8Page - ON Semiconductor MC3302DR2G Datasheet HTML 9Page - ON Semiconductor MC3302DR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LM339, LM239, LM2901, LM2901V, NCV2901, MC3302
http://onsemi.com
6
APPLICATIONS INFORMATION
These quad comparators feature high gain, wide
bandwidth characteristics. This gives the device oscillation
tendencies if the outputs are capacitively coupled to the
inputs via stray capacitance. This oscillation manifests itself
during output transitions (VOL to VOH). To alleviate this
situation input resistors < 10 k
W should be used. The
addition of positive feedback (< 10 mV) is also
recommended. It is good design practice to ground all
unused input pins.
Differential input voltages may be larger than supply
voltages without damaging the comparator’s inputs.
Voltages more negative than −300 mV should not be used.
10
Figure 9. Zero Crossing Detector
(Single Supply)
Figure 10. Zero Crossing Detector
(Split Supplies)
Vin(min) ≈ 0.4 V peak for 1% phase distortion (Dq).
D1 prevents input from going negative by more than 0.6 V.
R1 + R2 = R3
R3
R5
for small error in zero crossing
Vin
10 k
D1
R1
8.2 k
6.8 k
R2
15 k
R3
+15 V
*
q
VCC
10 k
Vin
VEE
Vin
Vin(min)
VCC
VO
VEE
Dq
q
*
)
10 M
R5
220 k
R4
220 k
VO
VO
+


Podobny numer części - MC3302DR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC3302DR2G ONSEMI-MC3302DR2G Datasheet
119Kb / 11P
   Single Supply Quad Comparators
October, 2016 ??Rev. 23
MC3302DR2G ONSEMI-MC3302DR2G Datasheet
316Kb / 14P
   Single Supply Quad Comparators
October, 2021 - Rev. 27
More results

Podobny opis - MC3302DR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
logo
ON Semiconductor
LM339S ONSEMI-LM339S Datasheet
80Kb / 6P
   Single Supply Quad Comparators
October, 2014 ??Rev. 0
NCV2901 ONSEMI-NCV2901 Datasheet
105Kb / 10P
   Single Supply Quad Comparators
July, 2004 ??Rev. 13
LM339 ONSEMI-LM339_07 Datasheet
130Kb / 12P
   Single Supply Quad Comparators
February, 2007 ??Rev. 18
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
   Quad Single Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339_16 Datasheet
119Kb / 11P
   Single Supply Quad Comparators
October, 2016 ??Rev. 23
logo
Advanced Monolithic Sys...
AMS339 AMS-AMS339 Datasheet
229Kb / 2P
   QUAD SINGLE SUPPLY COMPARATORS
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
   Quad Single Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339_V01 Datasheet
316Kb / 14P
   Single Supply Quad Comparators
October, 2021 - Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com