Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SD2114K Arkusz danych(PDF) 4 Page - Rohm

Numer części 2SD2114K
Szczegółowy opis  High-current Gain Medium Power Transistor (20V, 0.5A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

2SD2114K Arkusz danych(HTML) 4 Page - Rohm

  2SD2114K Datasheet HTML 1Page - Rohm 2SD2114K Datasheet HTML 2Page - Rohm 2SD2114K Datasheet HTML 3Page - Rohm 2SD2114K Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
R1120A
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Notice
ROHM Customer Support System
http://www.rohm.com/contact/
Thank you for your accessing to ROHM product informations.
More detail product informations and catalogs are available, please contact us.
Notes
No copying or reproduction of this document, in part or in whole, is permitted without the
consent of ROHM Co.,Ltd.
The content specified herein is subject to change for improvement without notice.
The content specified herein is for the purpose of introducing ROHM's products (hereinafter
"Products"). If you wish to use any such Product, please be sure to refer to the specifications,
which can be obtained from ROHM upon request.
Examples of application circuits, circuit constants and any other information contained herein
illustrate the standard usage and operations of the Products. The peripheral conditions must
be taken into account when designing circuits for mass production.
Great care was taken in ensuring the accuracy of the information specified in this document.
However, should you incur any damage arising from any inaccuracy or misprint of such
information, ROHM shall bear no responsibility for such damage.
The technical information specified herein is intended only to show the typical functions of and
examples of application circuits for the Products. ROHM does not grant you, explicitly or
implicitly, any license to use or exercise intellectual property or other rights held by ROHM and
other parties. ROHM shall bear no responsibility whatsoever for any dispute arising from the
use of such technical information.
The Products specified in this document are intended to be used with general-use electronic
equipment or devices (such as audio visual equipment, office-automation equipment, commu-
nication devices, electronic appliances and amusement devices).
The Products specified in this document are not designed to be radiation tolerant.
While ROHM always makes efforts to enhance the quality and reliability of its Products, a
Product may fail or malfunction for a variety of reasons.
Please be sure to implement in your equipment using the Products safety measures to guard
against the possibility of physical injury, fire or any other damage caused in the event of the
failure of any Product, such as derating, redundancy, fire control and fail-safe designs. ROHM
shall bear no responsibility whatsoever for your use of any Product outside of the prescribed
scope or not in accordance with the instruction manual.
The Products are not designed or manufactured to be used with any equipment, device or
system which requires an extremely high level of reliability the failure or malfunction of which
may result in a direct threat to human life or create a risk of human injury (such as a medical
instrument, transportation equipment, aerospace machinery, nuclear-reactor controller, fuel-
controller or other safety device). ROHM shall bear no responsibility in any way for use of any
of the Products for the above special purposes. If a Product is intended to be used for any
such special purpose, please contact a ROHM sales representative before purchasing.
If you intend to export or ship overseas any Product or technology specified herein that may
be controlled under the Foreign Exchange and the Foreign Trade Law, you will be required to
obtain a license or permit under the Law.


Podobny numer części - 2SD2114K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
2SD2114K ROHM-2SD2114K Datasheet
132Kb / 4P
   High-current Gain MediumPower Transistor (20V, 0.5A)
2SD2114K ROHM-2SD2114K Datasheet
99Kb / 5P
   High-current Gain Medium Power Transistor (20V, 0.5A)
logo
Guangdong Kexin Industr...
2SD2114K KEXIN-2SD2114K Datasheet
36Kb / 1P
   Power Transistor
logo
Rohm
2SD2114K ROHM-2SD2114K Datasheet
164Kb / 4P
   High-current Gain Medium Power Transistor
2SD2114K ROHM-2SD2114K Datasheet
96Kb / 5P
   High-current Gain Medium Power Transistor (20V, 0.5A)
More results

Podobny opis - 2SD2114K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
2SD2114KT146W ROHM-2SD2114KT146W Datasheet
112Kb / 4P
   High-current Gain Medium Power Transistor (20V, 0.5A)
2SD2114KT146V ROHM-2SD2114KT146V Datasheet
112Kb / 4P
   High-current Gain Medium Power Transistor (20V, 0.5A)
2SD2114K ROHM-2SD2114K_1 Datasheet
99Kb / 5P
   High-current Gain Medium Power Transistor (20V, 0.5A)
2SD2114KS ROHM-2SD2114KS Datasheet
96Kb / 5P
   High-current Gain Medium Power Transistor (20V, 0.5A)
logo
List of Unclassifed Man...
2SD2144 ETC-2SD2144 Datasheet
132Kb / 4P
   High-current Gain Medium Power Transistor (20V, 0.5A) 2SD2114K / 2SD2144S
logo
Rohm
2SD2114K ROHM-2SD2114K Datasheet
132Kb / 4P
   High-current Gain MediumPower Transistor (20V, 0.5A)
logo
Diodes Incorporated
ZXTP25020DG DIODES-ZXTP25020DG_15 Datasheet
581Kb / 7P
   20V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Rohm
2SD2114K ROHM-2SD2114K_12 Datasheet
164Kb / 4P
   High-current Gain Medium Power Transistor
logo
Diodes Incorporated
FZT689B DIODES-FZT689B_15 Datasheet
684Kb / 7P
   20V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
logo
SeCoS Halbleitertechnol...
PZT987A SECOS-PZT987A_15 Datasheet
1Mb / 2P
   Medium Power High Gain Transistor
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com