Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS5401 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS5401
Szczegółowy opis  Dual Channel 12-Bit 900Msps Analog-to-Digital Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5401 Arkusz danych(HTML) 5 Page - Texas Instruments

  ADS5401 Datasheet HTML 1Page - Texas Instruments ADS5401 Datasheet HTML 2Page - Texas Instruments ADS5401 Datasheet HTML 3Page - Texas Instruments ADS5401 Datasheet HTML 4Page - Texas Instruments ADS5401 Datasheet HTML 5Page - Texas Instruments ADS5401 Datasheet HTML 6Page - Texas Instruments ADS5401 Datasheet HTML 7Page - Texas Instruments ADS5401 Datasheet HTML 8Page - Texas Instruments ADS5401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
ADS5409
www.ti.com
SLAS935 – MAY 2013
PACKAGE/ORDERING INFORMATION
SPECIFIED
LEAD/
TRANSPORT
ECO
ORDERING
PACKAGE-
PACKAGE
PACKAGE
PRODUCT
TEMPERATURE
BALL
MEDIA,
LEAD
DESIGNATOR
MARKING
NUMBER
PLAN(2)
RANGE
FINISH
QUANTITY
GREEN
ADS5409IZAY
Tray
ADS5409
196-BGA
ZAY
–40C to 85C
ADS5409I
(RoHS & no
ADS5409IZAYR
Tape and Reel
Sb/Br)
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
MIN
MAX
Supply voltage range, AVDD33
–0.5
4
V
Supply voltage range, AVDDC
–0.5
2.3
V
Supply voltage range, AVDD18
–0.5
2.3
V
Supply voltage range, DVDD
–0.5
2.3
V
Supply voltage range, DVDDLVDS
–0.5
2.3
V
Supply voltage range, IOVDD
–0.5
4
V
INA/B_P, INA/B_N
–0.5
AVDD33 + 0.5
V
CLKINP, CLKINN
–0.5
AVDDC + 0.5
V
Voltage applied to input pins
SYNCP, SYNCN
–0.5
AVDD33 + 0.5
V
SRESET, SDENB, SCLK, SDIO, SDO, ENABLE
–0.5
IOVDD + 0.5
V
Operating free-air temperature range, TA
–40
85
°C
Operating junction temperature range, TJ
150
°C
Storage temperature range
–65
150
°C
ESD, Human Body Model
2
kV
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
THERMAL INFORMATION
ADS5409
THERMAL METRIC(1)
nFBGA
UNITS
196 PINS
θJA
Junction-to-ambient thermal resistance(2)
37.6
θJCtop
Junction-to-case (top) thermal resistance(3)
6.8
θJB
Junction-to-board thermal resistance(4)
16.8
°C/W
ψJT
Junction-to-top characterization parameter(5)
0.2
ψJB
Junction-to-board characterization parameter(6)
16.4
θJCbot
Junction-to-case (bottom) thermal resistance(7)
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Spacer
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADS5409


Podobny numer części - ADS5401

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5401 TI-ADS5401 Datasheet
575Kb / 40P
[Old version datasheet]   Dual 12-Bit 800Msps Analog-to-Digital Converter
ADS5401 TI-ADS5401 Datasheet
1Mb / 40P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Analog-to-Digital Converter
ADS5401 TI-ADS5401 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5401 TI-ADS5401 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5401IZAY TI1-ADS5401IZAY Datasheet
1Mb / 49P
[Old version datasheet]   Single 12-Bit 800-Msps Analog-to-Digital Converter
More results

Podobny opis - ADS5401

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5404 TI-ADS5404 Datasheet
1Mb / 40P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Analog-to-Digital Converter
ADS5407 TI-ADS5407 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
DAC2902 TI-DAC2902_15 Datasheet
979Kb / 23P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5407IZAY TI-ADS5407IZAY Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS54J20 TI1-ADS54J20 Datasheet
5Mb / 81P
[Old version datasheet]   Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter
DAC2902 TI1-DAC2902 Datasheet
766Kb / 22P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
ADS5402 TI-ADS5402 Datasheet
575Kb / 40P
[Old version datasheet]   Dual 12-Bit 800Msps Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC2902 BURR-BROWN-DAC2902 Datasheet
389Kb / 17P
   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com