Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS5403 Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS5403
Szczegółowy opis  Dual Channel 12-Bit 900Msps Analog-to-Digital Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5403 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button ADS5403 Datasheet HTML 4Page - Texas Instruments ADS5403 Datasheet HTML 5Page - Texas Instruments ADS5403 Datasheet HTML 6Page - Texas Instruments ADS5403 Datasheet HTML 7Page - Texas Instruments ADS5403 Datasheet HTML 8Page - Texas Instruments ADS5403 Datasheet HTML 9Page - Texas Instruments ADS5403 Datasheet HTML 10Page - Texas Instruments ADS5403 Datasheet HTML 11Page - Texas Instruments ADS5403 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
ADS5409
SLAS935 – MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, ADC sampling rate = 900Msps, 50%
clock duty cycle, AVDD33 = 3.3V, AVDDC/AVDD18/DVDD/DVDDLVDS/IOVDD = 1.8V, –1dBFS differential input (unless
otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
MIN
TYP MAX
UNITS
Auto Correction
Enabled
Disabled
Vpp
DYNAMIC AC CHARACTERISTICS(1)
fIN = 10 MHz
61.5
61.5
fIN = 100 MHz
61.5
61.4
Signal to Noise Ratio
SNR
fIN = 230 MHz
58
61.0
61.0
dBFS
(excluding Fs/2-Fin spur)
fIN = 400 MHz
60.2
60.3
fIN = 700 MHz
59.4
59.8
fIN = 10 MHz
78
81
fIN = 100 MHz
77
80
Second and third harmonic
HD2,3
fIN = 230 MHz
65
77
77
dBc
distortion
fIN = 400 MHz
71
72
fIN = 700 MHz
75
76
fIN = 10 MHz
78
78
Spur Free Dynamic Range
fIN = 100 MHz
79
78
Non
(excluding second and third
fIN = 230 MHz
65
79
79
dBc
HD2,3
harmonic distortion and
fIN = 400 MHz
76
76
Fs/2 – FIN spur)
fIN = 700 MHz
72
77
fIN = 10 MHz
88
80
fIN = 100 MHz
80
77
IL
Fs/2-Fin interleaving spur
fIN = 230 MHz
63
76
71
dBc
fIN = 400 MHz
72
68
fIN = 700 MHz
70
66
fIN = 10 MHz
61.3
61.3
fIN = 100 MHz
61.2
61.2
Signal to noise and distortion
SINAD
fIN = 230 MHz
56
60.9
60.8
dBFS
ratio
fIN = 400 MHz
59.7
59.8
fIN = 700 MHz
59.2
59.5
fIN = 10 MHz
74
74
fIN = 100 MHz
73
74
THD
Total Harmonic Distortion
fIN = 230 MHz
63
75
74
dBc
fIN = 400 MHz
68
68
fIN = 700 MHz
72
72
Fin = 229.5 and 230.5 MHz,
79
77
-7dBFS
IMD3
Inter modulation distortion
dBFS
Fin = 649.5 and 650.5 MHz,
73
71
-7dBFS
Crosstalk
90
90
dB
ENOB
Effective number of bits
fIN = 230 MHz
9.8
9.8
Bit
(1)
SFDR and SNR calculations do not include the DC or Fs/2 bins when Auto Correction is disabled.
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS5409


Podobny numer części - ADS5403

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5403 TI-ADS5403 Datasheet
575Kb / 40P
[Old version datasheet]   Dual 12-Bit 800Msps Analog-to-Digital Converter
ADS5403 TI-ADS5403 Datasheet
1Mb / 40P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Analog-to-Digital Converter
ADS5403 TI-ADS5403 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5403 TI-ADS5403 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5403 TI1-ADS5403 Datasheet
1Mb / 44P
[Old version datasheet]   Single Channel 12-Bit 500Msps Analog to Digital Converter
More results

Podobny opis - ADS5403

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5404 TI-ADS5404 Datasheet
1Mb / 40P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Analog-to-Digital Converter
ADS5407 TI-ADS5407 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
DAC2902 TI-DAC2902_15 Datasheet
979Kb / 23P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5407IZAY TI-ADS5407IZAY Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS54J20 TI1-ADS54J20 Datasheet
5Mb / 81P
[Old version datasheet]   Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter
DAC2902 TI1-DAC2902 Datasheet
766Kb / 22P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
ADS5402 TI-ADS5402 Datasheet
575Kb / 40P
[Old version datasheet]   Dual 12-Bit 800Msps Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC2902 BURR-BROWN-DAC2902 Datasheet
389Kb / 17P
   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com