Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS5403 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS5403
Szczegółowy opis  Dual Channel 12-Bit 900Msps Analog-to-Digital Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5403 Arkusz danych(HTML) 1 Page - Texas Instruments

  ADS5403 Datasheet HTML 1Page - Texas Instruments ADS5403 Datasheet HTML 2Page - Texas Instruments ADS5403 Datasheet HTML 3Page - Texas Instruments ADS5403 Datasheet HTML 4Page - Texas Instruments ADS5403 Datasheet HTML 5Page - Texas Instruments ADS5403 Datasheet HTML 6Page - Texas Instruments ADS5403 Datasheet HTML 7Page - Texas Instruments ADS5403 Datasheet HTML 8Page - Texas Instruments ADS5403 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
12bit
900Msps
12bit
900Msps
INA
INB
CLKIN
SYNCIN
DA[11 :0]
DB[11 :0]
Digital
Block
Digital
Block
Clk
Buffer
DACLK
DBCLK
ADS5409
www.ti.com
SLAS935 – MAY 2013
Dual Channel 12-Bit 900Msps Analog-to-Digital Converter
Check for Samples: ADS5409
1
FEATURES
APPLICATIONS
Dual Channel
Test and Measurement Instrumentation
12-Bit Resolution
Ultra-Wide Band Software Defined Radio
Maximum Clock Rate: 900 Msps
Data Acquisition
Low Swing Full-Scale Input: 1.0 Vpp
Power Amplifier Linearization
Analog Input Buffer with High Impedance Input
Signal Intelligence and Jamming
Input Bandwidth (3dB): >1.2GHz
Radar and Satellite Systems
Data Output Interface: DDR LVDS
Microwave Receivers
Optional 2x Decimation with Low Pass or High
Cable Infrastructure
Pass Filter
Non-Destructive Testing
196-Pin BGA Package (12x12mm)
Number of
Device Part No.
Speed Grade
KEY SPECIFICATIONS
Channels
Power Dissipation: 1.1W/ch
ADS5402
2
800Msps
Spectral Performance at fin = 230 MHz IF
ADS5401
1
800Msps
SNR: 61.0 dBFS
ADS5404
2
500Msps
ADS5403
1
500Msps
SFDR: 76 dBc
ADS5407
2
500Msps
Spectral Performance at fin = 700 MHz IF
ADS5409
2
900Msps
SNR: 59.4 dBFS
SFDR: 70 dBc
DESCRIPTION
The ADS5409 is a high linearity dual channel 12-bit, 900 Msps analog-to-digital converter (ADC) easing front end
filter design for wide bandwidth receivers. The analog input buffer isolates the internal switching of the on-chip
track-and-hold from disturbing the signal source as well as providing a high-impedance input. Optionally the
output data can be decimated by two. Designed for high SFDR, the ADC has low-noise performance and
outstanding spurious-free dynamic range over a large input-frequency range. The device is available in a 196pin
BGA package and is specified over the full industrial temperature range (–40°C to 85°C).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - ADS5403

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5403 TI-ADS5403 Datasheet
575Kb / 40P
[Old version datasheet]   Dual 12-Bit 800Msps Analog-to-Digital Converter
ADS5403 TI-ADS5403 Datasheet
1Mb / 40P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Analog-to-Digital Converter
ADS5403 TI-ADS5403 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5403 TI-ADS5403 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5403 TI1-ADS5403 Datasheet
1Mb / 44P
[Old version datasheet]   Single Channel 12-Bit 500Msps Analog to Digital Converter
More results

Podobny opis - ADS5403

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5404 TI-ADS5404 Datasheet
1Mb / 40P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Analog-to-Digital Converter
ADS5407 TI-ADS5407 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
DAC2902 TI-DAC2902_15 Datasheet
979Kb / 23P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5407IZAY TI-ADS5407IZAY Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS54J20 TI1-ADS54J20 Datasheet
5Mb / 81P
[Old version datasheet]   Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter
DAC2902 TI1-DAC2902 Datasheet
766Kb / 22P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
ADS5402 TI-ADS5402 Datasheet
575Kb / 40P
[Old version datasheet]   Dual 12-Bit 800Msps Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC2902 BURR-BROWN-DAC2902 Datasheet
389Kb / 17P
   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com