Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3-1393240-9 Arkusz danych(PDF) 1 Page - Tyco Electronics

Numer części 3-1393240-9
Szczegółowy opis  General Purpose Relays PCB Relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1393240-9 Arkusz danych(HTML) 1 Page - Tyco Electronics

  3-1393240-9 Datasheet HTML 1Page - Tyco Electronics 3-1393240-9 Datasheet HTML 2Page - Tyco Electronics 3-1393240-9 Datasheet HTML 3Page - Tyco Electronics 3-1393240-9 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay RT1 bistable
n
1 pole 16A, 1 form C (CO) or 1 form A (NO) contact
n
Polarized bistable version with 1 or 2 coils
n
5kV/10mm coil-contact
n
Reinforced insulation
Typical applications
Battery powered equipment or applications with “memory function”
Approvals
VDE REG.-Nr. 6106, UL E214025, cCSAus 14385
Technical data of approved types on request
Contact Data
Contact arrangement
1 form C (CO) or 1 form A (NO)
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
16A
Limiting continuous current
16A, UL: 20A
Limiting making current, max. 4s, duty factor 10% 30A
Breaking capacity max.
4000VA
Contact material
AgNi 90/10
Frequency of operation, with/without load
360/72000h-1
Operate/Reset time max.
10/10ms
Bounce time max., form A/form B
3/6ms
Contact ratings
Type
Contact
Load
Cycles
IEC 61810
RT314
A (NO)
16A, 250VAC resistive, 85°C
30x103
RT314
C (CO)
16A, 250VAC resistive, 85°C
10x103
UL 508
RT314
A/B (NO/NC) 20A, 250VAC, general purpose, 85°C
6x103
RT334
A (NO)
16A, 250VAC, general purpose, 85°C
50x103
RT314
A (NO)
1hp, 240VAC, 40°C
1x103
Mechanical endurance
>5x106 operations
Coil Data, bistable coils
1 coil
2 coils
Magnetic system
polarized, bistable
Coil voltage range
3 to 24VDC
Operative range, IEC 61810
2
Limiting voltage, % of rated coil voltage
120%
150%
Min./Max. energization duration
30ms/1min at <10% duty factor
Coil insulation system according UL1446
class F
Coil versions, bistable coil
Coil
Rated
Set
Reset
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
bistable 1 coil
A03
3
2.1
1.7
21
429
A05
5
3.5
2.8
62
403
A06
6
4.2
3.3
90
400
A12
12
8.4
6.6
360
400
A24
24
16.8
13.2
1440
400
bistable 2 coils
F03
3
2.1
1.7
15
600
F05
5
3.5
2.8
42
595
F06
6
4.2
3.3
55
655
F12
12
8.4
6.6
240
600
F24
24
16.8
13.2
886
650
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Bistable coils - operation
Version
1 coil
2 coils
Coil terminals
A1
A2
A1 A3 A2
Operate
+
-
+
-
Reset
-
+
-
+
Contact position not defined at delivery
F0176-C
Z
V
b


Podobny numer części - 3-1393240-9

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
3-1393243-1 MACOM-3-1393243-1 Datasheet
575Kb / 3P
   Power PCB Relay RT2
3-1393243-1 MACOM-3-1393243-1 Datasheet
575Kb / 3P
   Power PCB Relay RT2
logo
TE Connectivity Ltd
3-1393243-1 TEC-3-1393243-1 Datasheet
411Kb / 4P
   Power PCB Relay RT2 DC and AC
logo
Tyco Electronics
3-1393243-5 MACOM-3-1393243-5 Datasheet
575Kb / 3P
   Power PCB Relay RT2
3-1393243-5 MACOM-3-1393243-5 Datasheet
575Kb / 3P
   Power PCB Relay RT2
More results

Podobny opis - 3-1393240-9

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
T77V1D10-24 MACOM-T77V1D10-24 Datasheet
401Kb / 2P
   General Purpose Relays PCB Relays
6-1415029-1 MACOM-6-1415029-1 Datasheet
419Kb / 2P
   General Purpose Relays PCB Relays
04-2011, Rev. 0411
1-1393239-3 MACOM-1-1393239-3 Datasheet
729Kb / 5P
   General Purpose Relays PCB Relays
logo
TE Connectivity Ltd
PCB-PE TEC-PCB-PE Datasheet
253Kb / 2P
   General Purpose Relays PCB Relays
logo
Tyco Electronics
5-1415520-1 MACOM-5-1415520-1 Datasheet
480Kb / 3P
   General Purpose Relays PCB Relays
logo
TE Connectivity Ltd
RPII-1 TEC-RPII-1 Datasheet
274Kb / 3P
   General Purpose Relays PCB Relays
T73 TEC-T73 Datasheet
438Kb / 2P
   General Purpose Relays PCB Relays
logo
Tyco Electronics
V23061B1002A401 MACOM-V23061B1002A401 Datasheet
407Kb / 3P
   General Purpose Relays PCB Relays
RTD14012AP MACOM-RTD14012AP Datasheet
566Kb / 3P
   General Purpose Relays PCB Relays
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com