Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U1171A Arkusz danych(PDF) 1 Page - Agilent(Hewlett-Packard)

Numer części U1171A
Szczegółowy opis  Handheld Digital Multimeter (DMM)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1171A Arkusz danych(HTML) 1 Page - Agilent(Hewlett-Packard)

  U1171A Datasheet HTML 1Page - Agilent(Hewlett-Packard) U1171A Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1171A Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1171A Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1171A Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1171A Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1171A Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1171A Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1171A Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Agilent U1230 Series
Handheld Digital Multimeter (DMM)
Data Sheet
Whether it is dark, noisy or even
dangerous, the U1230 Series handheld
digital multimeter keeps you equipped
with features that anticipate worst-
case scenarios. The ergonomic
shaped handheld allows you to
single-handedly illuminate the test
area with a built-in flashlight while
selecting measurement functions
using the rotary dial. Vsense performs
non-contact voltage detection while
continuity detection is made easy
with the audible beeper alert and
flashing backlight display. With the
U1230 Series, you work better in the
conditions you are in.
• Built-in LED flashlight to illuminate
test area
• Flashing backlight as additional
visual alert during continuity tests
in noisy environments
• Vsense to perform non-contact
voltage detection
• Data logging capability (stores up
to 10 readings)
• IR-to-USB connectivity to transfer
data to PC for record
Ergonomically shaped with a
built-in flashlight
Built for handheld users working in
a poorly lit environment, the U1230
Series allows you to single-handedly
illuminate your test area while making
measurements with its easily activated
built-in flashlight. Its ergonomic
shape fits your hand, while the easily
accessible rotary dial allows selection
of measurement functions.
Flashing backlight and beeping
alert for continuity detection
The U1230 Series is built for con-
tinuity detection in dark and noisy
environments. Its audible beep and
flashing backlight display provides
increased visual and audio alert to
indicate continuity.
Non-contact voltage detection
with Vsense
The Vsense, a unique feature found
in the U1233 Series performs
non-contact voltage detection. It
delivers more safety while making
measurements in dangerous working
environments by avoiding any contact
with hot or live wires. Upon detection
of voltage, it produces a unique
combination of beeping alert and
blinking LED light to make measure-
ments more efficiently – especially in
a dark or noisy environment.
Features


Podobny numer części - U1171A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
U1171A HP-U1171A Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
More results

Podobny opis - U1171A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
U1241A HP-U1241A Datasheet
371Kb / 6P
   U1241A/U1242A Handheld Digital Multimeter
logo
Extech Instruments Corp...
MS400 EXTECH-MS400 Datasheet
841Kb / 51P
   Handheld Digital Storage Oscilloscope & Multimeter
DM100 EXTECH-DM100 Datasheet
159Kb / 2P
   Pocket Multimeter 4000 Count Autoranging DMM
DM110 EXTECH-DM110 Datasheet
148Kb / 2P
   Pocket Multimeter 4000 Count Autoranging DMM
logo
TEKTRONIX, INC.
DMM4040 TEKTRONIX-DMM4040 Datasheet
2Mb / 112P
   Digital Multimeter
DMM7510 TEKTRONIX-DMM7510 Datasheet
1Mb / 27P
   DMM 7510 7쩍-Digit Graphical Sampling Multimeter
logo
List of Unclassifed Man...
D35 ETC-D35 Datasheet
215Kb / 2P
   Bluetooth Digital Multimeter
logo
Keysight Technologies
34450A KEYSIGHT-34450A Datasheet
2Mb / 12P
   34450A Multimeter 5.5 Digit Dual Display, Benchtop DMM
34401A KEYSIGHT-34401A Datasheet
863Kb / 6P
   34401A Digital Multimeter
logo
Extech Instruments Corp...
MN15A EXTECH-MN15A Datasheet
321Kb / 12P
   Mini Digital Multimeter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com