Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDS3672 Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części FDS3672
Szczegółowy opis  N-Channel PowerTrench MOSFET 100V, 7.5A, 22m?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS3672 Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  FDS3672 Datasheet HTML 1Page - Fairchild Semiconductor FDS3672 Datasheet HTML 2Page - Fairchild Semiconductor FDS3672 Datasheet HTML 3Page - Fairchild Semiconductor FDS3672 Datasheet HTML 4Page - Fairchild Semiconductor FDS3672 Datasheet HTML 5Page - Fairchild Semiconductor FDS3672 Datasheet HTML 6Page - Fairchild Semiconductor FDS3672 Datasheet HTML 7Page - Fairchild Semiconductor FDS3672 Datasheet HTML 8Page - Fairchild Semiconductor FDS3672 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
©2003 Fairchild Semiconductor Corporation
FDS3672 Rev. B
Figure 11. Normalized Gate Threshold Voltage vs
Junction Temperature
Figure 12. Normalized Drain to Source
Breakdown Voltage vs Junction Temperature
Figure 13. Capacitance vs Drain to Source
Voltage
Figure 14. Gate Charge Waveforms for Constant
Gate Currents
Typical Characteristics T
A = 25°C unless otherwise noted
0.4
0.6
0.8
1.0
1.2
1.4
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
0.90
0.95
1.00
1.05
1.10
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
10
100
1000
0.1
1
10
100
5000
VGS = 0V, f = 1MHz
CISS = CGS + CGD
COSS ≅ CDS + CGD
CRSS = CGD
VDS, DRAIN TO SOURCE VOLTAGE (V)
0
2
4
6
8
10
0
5
10
15
20
25
30
Qg, GATE CHARGE (nC)
VDD = 50V
ID = 7.5A
ID = 4A
WAVEFORMS IN
DESCENDING ORDER:


Podobny numer części - FDS3672

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Youtai Semico...
FDS3672 UMW-FDS3672 Datasheet
378Kb / 7P
   N-Channel MOSFET
logo
VBsemi Electronics Co.,...
FDS3672-NL VBSEMI-FDS3672-NL Datasheet
1,022Kb / 9P
   N-Channel 100 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDS3672 FAIRCHILD-FDS3672_12 Datasheet
317Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100V, 7.5A, 22m廓
More results

Podobny opis - FDS3672

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS3672 FAIRCHILD-FDS3672_12 Datasheet
317Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100V, 7.5A, 22m廓
logo
MagnaChip Semiconductor...
MDS5652 MGCHIP-MDS5652 Datasheet
756Kb / 6P
   Dual N-Channel Trench MOSFET, 30V, 7.5A, 22m(ohm)
logo
Fairchild Semiconductor
FDD3690 FAIRCHILD-FDD3690 Datasheet
84Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDC3612 FAIRCHILD-FDC3612 Datasheet
134Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3170N7 FAIRCHILD-FDS3170N7 Datasheet
208Kb / 6P
   100V N-Channel PowerTrench MOSFET
FDS3670 FAIRCHILD-FDS3670 Datasheet
204Kb / 8P
   100V N-Channel PowerTrench??MOSFET
FDS3680 FAIRCHILD-FDS3680 Datasheet
202Kb / 8P
   100V N-Channel PowerTrench MOSFET
FDT3612 FAIRCHILD-FDT3612 Datasheet
108Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDC3616N FAIRCHILD-FDC3616N Datasheet
173Kb / 7P
   100V N-Channel PowerTrench MOSFET
FDD3680 FAIRCHILD-FDD3680 Datasheet
75Kb / 5P
   100V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com