Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDS3680 Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części FDS3680
Szczegółowy opis  100V N-Channel PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS3680 Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  FDS3680 Datasheet HTML 1Page - Fairchild Semiconductor FDS3680 Datasheet HTML 2Page - Fairchild Semiconductor FDS3680 Datasheet HTML 3Page - Fairchild Semiconductor FDS3680 Datasheet HTML 4Page - Fairchild Semiconductor FDS3680 Datasheet HTML 5Page - Fairchild Semiconductor FDS3680 Datasheet HTML 6Page - Fairchild Semiconductor FDS3680 Datasheet HTML 7Page - Fairchild Semiconductor FDS3680 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SOIC(8lds) Packaging
Configuration: Figure 1.0
Components
Leader Tape
1680mm minimum or
210 empty pockets
Trailer Tape
640mm minimum or
80 empty pockets
SOIC(8lds) Tape Leader and Trailer
Configuration: Figure 2.0
Cover Tape
Carrier Tape
Note/Comments
Packaging Option
SOIC (8lds) Packaging Information
Standard
(no flow code)
L86Z
F011
Packaging type
Reel Size
TNR
13" Dia
Rail/Tube
-
TNR
13" Dia
Qty per Reel/Tube/Bag
2,500
95
4,000
Box Dimension (mm)
343x64x343
530x130x83
343x64x343
Max qty per Box
5,000
30,000
8,000
D84Z
TNR
7" Dia
500
184x187x47
1,000
Weight per unit (gm)
0.0774
0.0774
0.0774
0.0774
Weight per Reel (kg)
0.6060
-
0.9696
0.1182
F63TN Label
ESD Label
343mm x 342mm x 64mm
Standard Intermediate box
ESD Label
F63TNR Label sample
F63TNLabel
LOT: CBVK741B019
FSID: FDS9953A
D/C1: D9842
QTY1:
SPEC REV:
SPEC:
QTY: 2500
D/C2:
QTY2:
CPN:
N/F: F
(F63TNR)3
F852
NDS
9959
SOIC-8 Unit Orientation
Pin 1
Static Dissipative
Embossed Carrier Tape
F63TNR
Label
Antistatic Cover Tape
ESD Label
EL ECTRO STATIC
SEN SIT IVE DEVI CES
DO NO T SHI P OR STO RE N EAR ST RO NG EL ECT ROST AT IC
EL ECT RO M AGN ETI C, M AG NET IC O R R ADIO ACT IVE FI ELD S
TNR DATE
PT NUMB ER
PEEL STREN GTH MIN ___ __ ____ __ ___gms
MAX ___ ___ ___ ___ _ gms
Customized
Label
Packaging Description:
SOIC-8 parts are shipped in tape. The carrier tape is
made from a dissipative (carbon filled) polycarbonate
resin. The cover tape is a multilayer film (Heat Activated
Adhesive in nature) primarily composed of polyester film,
adhesive layer, sealant, and anti-static sprayed agent.
These reeled parts in standard option are shipped with
2,500 units per 13" or 330cm diameter reel. The reels are
dark blue in color and is made of polystyrene plastic (anti-
static coated). Other option comes in 500 units per 7" or
177cm diameter reel. This and some other options are
further described in the Packaging Information table.
These full reels are individually barcode labeled and
placed inside a standard intermediate box (illustrated in
figure 1.0) made of recyclable corrugated brown paper.
One box contains two reels maximum. And these boxes
are placed inside a barcode labeled shipping box which
comes in different sizes depending on the number of parts
shipped.
SO-8 Tape and Reel Data and Package Dimensions
July 1999, Rev. B


Podobny numer części - FDS3680

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS3680 FAIRCHILD-FDS3680 Datasheet
84Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3680_0011 FAIRCHILD-FDS3680_0011 Datasheet
84Kb / 5P
   100V N-Channel PowerTrench MOSFET
More results

Podobny opis - FDS3680

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDD3690 FAIRCHILD-FDD3690 Datasheet
84Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDC3612 FAIRCHILD-FDC3612 Datasheet
134Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3170N7 FAIRCHILD-FDS3170N7 Datasheet
208Kb / 6P
   100V N-Channel PowerTrench MOSFET
FDS3670 FAIRCHILD-FDS3670 Datasheet
204Kb / 8P
   100V N-Channel PowerTrench??MOSFET
FDT3612 FAIRCHILD-FDT3612 Datasheet
108Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDC3616N FAIRCHILD-FDC3616N Datasheet
173Kb / 7P
   100V N-Channel PowerTrench MOSFET
FDD3680 FAIRCHILD-FDD3680 Datasheet
75Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3680_0011 FAIRCHILD-FDS3680_0011 Datasheet
84Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDD3670 FAIRCHILD-FDD3670_01 Datasheet
68Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3670_0011 FAIRCHILD-FDS3670_0011 Datasheet
85Kb / 5P
   100V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com