Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC2577-ADJ Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części UC2577-ADJ
Szczegółowy opis  Simple Step-Up Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

UC2577-ADJ Arkusz danych(HTML) 1 Page - Texas Instruments

  UC2577-ADJ_12 Datasheet HTML 1Page - Texas Instruments UC2577-ADJ_12 Datasheet HTML 2Page - Texas Instruments UC2577-ADJ_12 Datasheet HTML 3Page - Texas Instruments UC2577-ADJ_12 Datasheet HTML 4Page - Texas Instruments UC2577-ADJ_12 Datasheet HTML 5Page - Texas Instruments UC2577-ADJ_12 Datasheet HTML 6Page - Texas Instruments UC2577-ADJ_12 Datasheet HTML 7Page - Texas Instruments UC2577-ADJ_12 Datasheet HTML 8Page - Texas Instruments UC2577-ADJ_12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Simple Step-Up Voltage Regulator
Requires Few External Components
NPN Output Switches 3.0A, 65V(max)
Extended Input Voltage Range: 3.0V to 40V
Current Mode Operation for Improved
Transient Response, Line Regulation, and
Current Limiting
Soft Start Function Provides Controlled
Startup
52kHz Internal Oscillator
Output Switch Protected by Current Limit,
Undervoltage Lockout and Thermal
Shutdown
Improved Replacement for LM2577-ADJ
Series
The UC2577-ADJ device provides all the active functions neces-
sary to implement step-up (boost), flyback, and forward converter
switching regulators. Requiring only a few components, these sim-
ple regulators efficiently provide up to 60V as a step-up regulator,
and even higher voltages as a flyback or forward converter regula-
tor.
The UC2577-ADJ features a wide input voltage range of 3.0V to
40V and an adjustable output voltage. An on-chip 3.0A NPN switch
is included with undervoltage lockout, thermal protection circuitry,
and current limiting, as well as soft start mode operation to reduce
current during startup. Other features include a 52kHz fixed fre-
quency on-chip oscillator with no external components and current
mode control for better line and load regulation.
A standard series of inductors and capacitors are available from
several manufacturers optimized for use with these regulators and
are listed in this data sheet.
UC2577-ADJ
3/97
FEATURES
DESCRIPTION
CONNECTION DIAGRAM
BLOCK DIAGRAM
UDG-94034
Simple Boost and Flyback Converters
SEPIC Topology Permits Input Voltage to
be Higher or Lower than Output Voltage
Transformer Coupled Forward Regulators
Multiple Output Designs
TYPICAL APPLICATIONS
5-Pin TO-220 (Top View)
Also available in TO-263 Package.


Podobny numer części - UC2577-ADJ_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC2577-ADJ TI-UC2577-ADJ Datasheet
179Kb / 8P
[Old version datasheet]   Simple Step-Up Voltage Regulator
More results

Podobny opis - UC2577-ADJ_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC2577 TI-UC2577 Datasheet
179Kb / 8P
[Old version datasheet]   Simple Step-Up Voltage Regulator
logo
National Semiconductor ...
LM1577 NSC-LM1577_05 Datasheet
1Mb / 31P
   SIMPLE SWITCHER짰 Step-Up Voltage Regulator
LM1577 NSC-LM1577 Datasheet
889Kb / 27P
   SIMPLE SWITCHER Step-Up Voltage Regulator
logo
Texas Instruments
LM2577SX-ADJNOPB TI1-LM2577SX-ADJNOPB Datasheet
4Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Up Voltage Regulator
logo
National Semiconductor ...
LM15777 NSC-LM15777 Datasheet
862Kb / 27P
   SIMPLE SWITCHER-R Step-Up Voltage Regulator
logo
Texas Instruments
LM1577 TI-LM1577_15 Datasheet
4Mb / 42P
[Old version datasheet]   LM1577/LM2577 SIMPLE SWITCHER짰 Step-Up Voltage Regulator
LMR64010 TI1-LMR64010_14 Datasheet
1Mb / 21P
[Old version datasheet]   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
LMR61428 TI1-LMR61428 Datasheet
973Kb / 16P
[Old version datasheet]   LMR61428 SIMPLE SWITCHER짰 14Vout, 2.85A Step-Up Voltage Regulator in MSOP
LMR62421 TI-LMR62421_15 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 24Vout, 2.1A Step-Up Voltage Regulator in SOT-23
logo
National Semiconductor ...
LMR64010 NSC-LMR64010 Datasheet
376Kb / 12P
   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com