Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC2572NG4 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części UC2572NG4
Szczegółowy opis  Negative Output Flyback Pulse Width Modulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

UC2572NG4 Arkusz danych(HTML) 3 Page - Texas Instruments

  UC2572NG4 Datasheet HTML 1Page - Texas Instruments UC2572NG4 Datasheet HTML 2Page - Texas Instruments UC2572NG4 Datasheet HTML 3Page - Texas Instruments UC2572NG4 Datasheet HTML 4Page - Texas Instruments UC2572NG4 Datasheet HTML 5Page - Texas Instruments UC2572NG4 Datasheet HTML 6Page - Texas Instruments UC2572NG4 Datasheet HTML 7Page - Texas Instruments UC2572NG4 Datasheet HTML 8Page - Texas Instruments UC2572NG4 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
UC1572
UC2572
UC3572
ELECTRICAL CHARACTERISTICS: Unless otherwise specified, VCC = 5V, CT = 680pF, TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Gate Drive Output Section
OUT High Saturation
IOUT = 0
0
0.3
V
IOUT = –10mA
0.7
1.5
V
IOUT = –100mA
1.5
2.5
V
OUT Low Saturation
IOUT = 10mA
0.1
0.4
V
IOUT = 100mA
1.5
2.2
V
Rise Time
TJ = 25°C, CLOAD = 1nF + 3.3 Ohms
30
80
nS
Fall Time
TJ = 25°C, CLOAD = 1nF + 3.3 Ohms
30
80
nS
Pulse Width Modulator Section
Maximum Duty Cycle
EAINV = +100mV, VCC = 5V to 30V
92
96
%
Minimum Duty Cycle
EAINV = –100mV, VCC = 5V to 30V
0
%
Modulator Gain
EAOUT = 1.5V to 2.5V
45
55
65
%/V
Undervoltage Lockout Section
Start Threshold
3.5
4.2
4.5
V
Hysteresis
100
200
300
mV
Sleep Mode Section
Threshold
1.8
2.2
2.6
V
Supply Current Section
IVCC
VCC = 5V, 30V
9
15
mA
VCC = 30, CS = 3V
50
150
A
Figure 1. Typical waveforms.
UDG-94095


Podobny numer części - UC2572NG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC2572 TI-UC2572 Datasheet
129Kb / 5P
[Old version datasheet]   Negative Output Flyback Pulse Width Modulator
More results

Podobny opis - UC2572NG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1572 TI-UC1572 Datasheet
129Kb / 5P
[Old version datasheet]   Negative Output Flyback Pulse Width Modulator
logo
Analog Devices
AD9561 AD-AD9561 Datasheet
273Kb / 8P
   Pulse Width Modulator
REV. 0
logo
National Semiconductor ...
LM1525A NSC-LM1525A Datasheet
290Kb / 10P
   PULSE WIDTH MODULATOR
logo
Analog Devices
AD9561 AD-AD9561_15 Datasheet
2Mb / 8P
   Pulse Width Modulator
REV. 0
logo
Siemens Semiconductor G...
SLE4520 SIEMENS-SLE4520 Datasheet
468Kb / 11P
   Pulse-Width Modulator
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com