Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC28025DWR Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części UC28025DWR
Szczegółowy opis  ECONOMY HIGH-SPEED PWM CONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

UC28025DWR Arkusz danych(HTML) 1 Page - Texas Instruments

  UC28025DWR Datasheet HTML 1Page - Texas Instruments UC28025DWR Datasheet HTML 2Page - Texas Instruments UC28025DWR Datasheet HTML 3Page - Texas Instruments UC28025DWR Datasheet HTML 4Page - Texas Instruments UC28025DWR Datasheet HTML 5Page - Texas Instruments UC28025DWR Datasheet HTML 6Page - Texas Instruments UC28025DWR Datasheet HTML 7Page - Texas Instruments UC28025DWR Datasheet HTML 8Page - Texas Instruments UC28025DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
UC28023
UC28025
SLUS557F -- MARCH 2003 -- REVISED AUGUST 2010
ECONOMY HIGH-SPEED PWM CONTROLLER
1
www.ti.com
FEATURES
D
Peak Current Mode, Average Current Mode,
or Voltage Mode (with Feed-Forward) Control
Methods
D
Practical Operation Up to 1 MHz
D
50-ns Propagation Delay to Output
D ±1.5-A Peak Totem Pole Outputs
D
9-V to 30-V Nominal Operational Voltage
Range
D
Wide Bandwidth Error Amplifier
D
Fully Latched Logic with Double Pulse
Suppression
D
Pulse-by-Pulse Current Limiting
D
Programmable Maximum Duty Cycle Control
D
Under--Voltage Lockout with Hysteresis
D
Trimmed 5.1-V Reference with UVLO
D
Same Functionality as UC3823 and UC3825
APPLICATIONS
D
Off-Line and DC/DC Power Supplies
D
Converters Using Voltage Mode, Peak
Current Mode, or Average Current Mode
Control Methods
D
Single-Ended or Two-Switch Topology
Designs
DESCRIPTION
The UC28023 and UC28025 are fixed-frequency
PWM controllers optimized for high-frequency
switched-mode power supply applications. The
UC28023 is a single output PWM for single-ended
topologies while the UC28025 offers dual
alternating outputs for double-ended and full
bridge topologies.
Targeted for cost effective solutions with minimal
external components, UC2802x include an
oscillator, a temperature compensated reference,
a wide band width error amplifier, a high-speed
current-sense comparator and high-current
active-high totem-pole outputs to directly drive
external MOSFETs.
Protection circuitry includes a current limit
comparator with a 1-V threshold, a TTL
compatible shutdown port, and a soft-start pin
which will double as a maximum duty cycle clamp.
The logic is fully latched to provide jitter free
operation and prohibit multiple pulses at an
output. An undervoltage lockout section with
800 mV of hysteresis assures low start-up
current. During undervoltage lockout, the outputs
are high impedance. Particular care was given to
minimizing propagation delays through the
comparators and logic circuitry while maximizing
bandwidth and slew rate of the error amplifier.
Devices are available in the industrial temperature
range of --40°C to 105°C. Package offerings are
16-pin SOICW (DW), or 16-pin PDIP (N)
packages.
ORDERING INFORMATION
T
T
OUTPUT
EXTERNAL CURRENT
PACKAGED DEVICES
TA= TJ
OUTPUT
CONFIGURATION
EXTERNAL CURRENT
LIMIT REFERENCE
PDIP-16 (N)
SOICW--16 (DW)
40°C to 105°C
Single
Yes
UC28023N
UC28023DW
--40°C to 105°C
Dual Alternating
No
UC28025N
UC28025DW
(1) The DW package are also available taped and reeled. Add an R suffix to the device type (i.e., UC28023DWR (2,000 devices per reel).
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2005 -- 2010, Texas Instruments Incorporated


Podobny numer części - UC28025DWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC28025DW TI-UC28025DW Datasheet
394Kb / 18P
[Old version datasheet]   ECONOMY HIGH-SPEED PWM CONTROLLER
More results

Podobny opis - UC28025DWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC28023 TI-UC28023 Datasheet
394Kb / 18P
[Old version datasheet]   ECONOMY HIGH-SPEED PWM CONTROLLER
UC28023 TI-UC28023_15 Datasheet
289Kb / 19P
[Old version datasheet]   ECONOMY HIGH-SPEED PWM CONTROLLER
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com