Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC28025DWRG4 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części UC28025DWRG4
Szczegółowy opis  ECONOMY HIGH-SPEED PWM CONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

UC28025DWRG4 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button UC28025DWRG4 Datasheet HTML 4Page - Texas Instruments UC28025DWRG4 Datasheet HTML 5Page - Texas Instruments UC28025DWRG4 Datasheet HTML 6Page - Texas Instruments UC28025DWRG4 Datasheet HTML 7Page - Texas Instruments UC28025DWRG4 Datasheet HTML 8Page - Texas Instruments UC28025DWRG4 Datasheet HTML 9Page - Texas Instruments UC28025DWRG4 Datasheet HTML 10Page - Texas Instruments UC28025DWRG4 Datasheet HTML 11Page - Texas Instruments UC28025DWRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
UC28023
UC28025
SLUS557F -- MARCH 2003 -- REVISED AUGUST 2010
8
www.ti.com
APPLICATION INFORMATION
1
3
4
5
9
7
6
12
ILIM/SD
RAMP
CT
PGND
INV
EAOUT
CLOCK
RT
UC28025
16
2
14
11
OUTB
OUTA
VREF
NI
15
13
VCC
VC
10
8
GND
SS
15 V
22 pF
120 pF
10 nF
1N 5820
1nF
42 V to 56 V
UDG--03047
4.7 μF
VIN
1kΩ
10
kΩ
1kΩ
1 Ω
CT
470 pF
1kΩ
8.2 kΩ
0.1 μF
1.5 kΩ
3.3 kΩ
4.3 kΩ
0.1 μF
4.7 μF
0.8 μH
VOUT 5V
1A to 10 A
6 μF
5:1
+
--
--
+
12 V
Figure 1. Typical Application: 1.5 MHz, 48-V to 5-V DC/DC Push-Pull Converter Using UC28025


Podobny numer części - UC28025DWRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC28025DW TI-UC28025DW Datasheet
394Kb / 18P
[Old version datasheet]   ECONOMY HIGH-SPEED PWM CONTROLLER
More results

Podobny opis - UC28025DWRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC28023 TI-UC28023 Datasheet
394Kb / 18P
[Old version datasheet]   ECONOMY HIGH-SPEED PWM CONTROLLER
UC28023 TI-UC28023_15 Datasheet
289Kb / 19P
[Old version datasheet]   ECONOMY HIGH-SPEED PWM CONTROLLER
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com