Zakładka z wyszukiwarką danych komponentów |
|
KA3883C Arkusz danych(PDF) 2 Page - Fairchild Semiconductor |
|
KA3883C Arkusz danych(HTML) 2 Page - Fairchild Semiconductor |
2 / 6 page KA3882C/KA3883C 2 Absolute Maximum Ratings Electrical Characteristics (VCC = 15V, RT = 10k Ω, CT = 3.3nF, TA = 0°C to +70°C ,Unless otherwise specified) Parameter Symbol Value Unit Supply Voltage VCC 30 V Output Current IO ±1 A Analog Inputs (pin 2, 3) VI(ANA) -0.3 to 6.3 V Error Amp. Output Sink Current ISINK(EA) 10 mA Power Dissipation PD 1W Thermal Resistance, Junction-to-Air (Note4) 8-SOP 8-DIP R θja 280 95 °C/W Storage Temperature Tstg -65 ~ 150 °C Parameter Symbol Conditions Min. Typ. Max. Unit REFERENCE SECTION Output Voltage VREF TJ = 25 °C, IO = 1mA 4.9 5.0 5.1 V Line Regulation ∆VREF VCC = 12V to 25V - 6 20 mV Load Regulation ∆VREF IO = 1mA to 20mA - 6 25 mV Output Short Circuit ISC Ta = 25 °C - -100 -180 mA OSILLATOR SECTION Initial Accuracy FOSC TJ = 25 °C47 52 57 kHz Voltage Stability STV VCC = 12V to 25V - 0.2 1 % Amplitude VOSC VPIN4, Peak to Peak - 1.7 - V Discharge Current IDISCHG TJ = 25 °C, Pin4 = 2V 7.8 8.3 8.8 mA CURRENT SENSE SECTION Gain GV (Note2, 3) 2.85 3 3.15 V/V Maximum Input Signal VI(MAX) VPIN1 = 5V(Note2) 0.9 1.0 1.1 V PSRR PSRR VCC = 12V to 25V (Note1, 2) - 70 - dB Input Bias Current IBIAS - - -2 -10 uA Delay to Output TD VPIN3 = 0 V to 2V (Note1) - 100 200 ns |
Podobny numer części - KA3883C |
|
Podobny opis - KA3883C |