Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDS4672A Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FDS4672A
Szczegółowy opis  40V N-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS4672A Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FDS4672A Datasheet HTML 1Page - Fairchild Semiconductor FDS4672A Datasheet HTML 2Page - Fairchild Semiconductor FDS4672A Datasheet HTML 3Page - Fairchild Semiconductor FDS4672A Datasheet HTML 4Page - Fairchild Semiconductor FDS4672A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FDS4672A Rev C(W)
Typical Characteristics
0
10
20
30
40
50
0
0.511.5
2
VDS, DRAIN TO SOURCE VOLTAGE (V)
V
GS = 4.5V
2.5V
2.0V
3.5V
3.0V
0.8
1
1.2
1.4
1.6
0
10
20304050
ID, DRAIN CURRENT (A)
V
GS = 2.5V
4.5V
3.0V
4.0V
3.5V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
150
175
TJ, JUNCTION TEMPERATURE (
oC)
ID = 11A
V
GS = 4.5V
0.006
0.01
0.014
0.018
0.022
0.026
0.03
1.5
2
2.5
3
3.5
4
4.5
5
VGS, GATE TO SOURCE VOLTAGE (V)
I
D = 5.5A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
10
20
30
40
50
60
70
11.5
22.5
3
VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25
oC
125
oC
VDS = 5V
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
VSD, BODY DIODE FORWARD VOLTAGE (V)
V
GS = 0V
TA = 125
oC
25
oC
-55
oC
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Podobny numer części - FDS4672A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS4672A FAIRCHILD-FDS4672A Datasheet
454Kb / 6P
   40V N-Channel PowerTrench짰 MOSFET
logo
VBsemi Electronics Co.,...
FDS4672A-NL VBSEMI-FDS4672A-NL Datasheet
988Kb / 8P
   N-Channel 100-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDS4672A FAIRCHILD-FDS4672A_07 Datasheet
454Kb / 6P
   40V N-Channel PowerTrench짰 MOSFET
More results

Podobny opis - FDS4672A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS4470 FAIRCHILD-FDS4470 Datasheet
87Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4770 FAIRCHILD-FDS4770 Datasheet
123Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4070N3 FAIRCHILD-FDS4070N3 Datasheet
193Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4072N7 FAIRCHILD-FDS4072N7 Datasheet
199Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4780 FAIRCHILD-FDS4780 Datasheet
355Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4070N3 FAIRCHILD-FDS4070N3_04 Datasheet
173Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4070N7 FAIRCHILD-FDS4070N7_04 Datasheet
188Kb / 8P
   40V N-Channel PowerTrench MOSFET
FDB8447L FAIRCHILD-FDB8447L Datasheet
384Kb / 6P
   40V N-Channel PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS4470 KEXIN-KDS4470 Datasheet
63Kb / 2P
   40V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS4072N3 FAIRCHILD-FDS4072N3_04 Datasheet
171Kb / 7P
   40V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com