Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDS6570A Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FDS6570A
Szczegółowy opis  Single N-Channel 2.5V Specified PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6570A Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FDS6570A Datasheet HTML 1Page - Fairchild Semiconductor FDS6570A Datasheet HTML 2Page - Fairchild Semiconductor FDS6570A Datasheet HTML 3Page - Fairchild Semiconductor FDS6570A Datasheet HTML 4Page - Fairchild Semiconductor FDS6570A Datasheet HTML 5Page - Fairchild Semiconductor FDS6570A Datasheet HTML 6Page - Fairchild Semiconductor FDS6570A Datasheet HTML 7Page - Fairchild Semiconductor FDS6570A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FDS6570A Rev. C
FDS6570A
Single N-Channel 2.5V Specified PowerTrench
MOSFET
General Description
This N-Channel 2.5V specified MOSFET is produced
using
Fairchild
Semiconductor's
advanced
PowerTrench process that has been especially tailored
to minimize on-state resistance and yet maintain superior
switching performance.
These devices are well suited for low voltage and battery
powered applications where low in-line power loss and
fast switching are required.
Applications
DC/DC converter
Load switch
Battery protection
March 2000
Features
15 A, 20 V. R
DS(on)
= 0.0075
Ω @ V
GS
= 4.5 V
R
DS(on)
= 0.010
Ω @ V
GS
= 2.5 V.
Low gate charge (47nC typical).
Fast switching speed.
High performance trench technology for extremely
low R
DS(ON).
High power and current handling capability.
2000 Fairchild Semiconductor Corporation
Absolute Maximum Ratings T
A = 25°C unless otherwise noted
Symbol
Parameter
FDS6570A
Units
VDSS
Drain-Source Voltage
20
V
VGSS
Gate-Source Voltage
±8V
ID
Drain Current
- Continuous
(Note 1a)
15
A
- Pulsed
50
PD
Power Dissipation for Single Operation
(Note 1a)
2.5
W
(Note 1b)
1.2
(Note 1c)
1
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
JA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
50
°C/W
JC
Thermal Resistance, Junction-to-Case
(Note 1)
25
°C/W
Package Outlines and Ordering Information
Device Marking
Device
Reel Size
Tape Width
Quantity
FDS6570A
FDS6570A
13’’
12mm
2500 units
6
7
8
5
3
2
1
4
S
D
S
S
SO-8
D
D
D
G


Podobny numer części - FDS6570A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Youtai Semico...
FDS6570A UMW-FDS6570A Datasheet
393Kb / 6P
   30V N-Channel MOSFET
More results

Podobny opis - FDS6570A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
SI3446DV FAIRCHILD-SI3446DV Datasheet
93Kb / 5P
   Single N-Channel, 2.5V Specified PowerTrench MOSFET
SI4466DY FAIRCHILD-SI4466DY Datasheet
80Kb / 5P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
FDY300NZ FAIRCHILD-FDY300NZ Datasheet
182Kb / 6P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
FDMA430NZ FAIRCHILD-FDMA430NZ Datasheet
638Kb / 7P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
FDY300NZ FAIRCHILD-FDY300NZ_07 Datasheet
270Kb / 6P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
FDY301NZ FAIRCHILD-FDY301NZ Datasheet
191Kb / 6P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
FDG311N FAIRCHILD-FDG311N Datasheet
89Kb / 5P
   N-Channel 2.5V Specified PowerTrench MOSFET
FDR6580 FAIRCHILD-FDR6580_01 Datasheet
87Kb / 5P
   N-Channel 2.5V Specified PowerTrench MOSFET
FDN339AN FAIRCHILD-FDN339AN Datasheet
259Kb / 8P
   N-Channel 2.5V Specified PowerTrench MOSFET
FDY100PZ FAIRCHILD-FDY100PZ Datasheet
176Kb / 6P
   Single P-Channel (-2.5V) Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com