Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSH181 Arkusz danych(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Numer części TSH181
Szczegółowy opis  General Purpose Hall Effect Latch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSH181 Arkusz danych(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSH181 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSH181 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSH181 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSH181 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSH181 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSH181 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSH181 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TSH181
General Purpose Hall Effect Latch
3/7
Version: B13
Magnetic Specifications
Parameters
Test Conditions
Min
Typ
Max
Units
Operate Point
5
--
90
Gauss
Release Point
-90
--
-5
Gauss
Hysteresis
--
100
--
Gauss
Note: 1G (Gauss) = 0.1mT (millitesta)
Output Behavior versus Magnetic Pole
DC Operating Parameters: TA = -40 to 125
oC, V
CC = 3.5 to 20V
Parameter
Test condition
OUT
North pole
B>BOP
Open
South pole
B<BRP
Low
TO-92S
OUT=Open
(Pull-up Voltage)
OUT=Low
(VDSon)


Podobny numer części - TSH181

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TSH188 TSC-TSH188 Datasheet
420Kb / 8P
   Ultra High Sensitivity Hall Effect Latch
More results

Podobny opis - TSH181

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Prolific Technology Inc...
PT3611 PROLIFIC-PT3611 Datasheet
205Kb / 1P
   General Purpose Latch Type Hall Effect Switch
logo
Asahi Kasei Microsystem...
EM6011 AKM-EM6011 Datasheet
543Kb / 13P
   Hall Effect Latch
EM-6011 AKM-EM-6011 Datasheet
543Kb / 13P
   Hall Effect Latch
logo
Diodes Incorporated
AH1751 DIODES-AH1751 Datasheet
122Kb / 6P
   HALL EFFECT LATCH
AH1751 Rev. 1 - 2
AH1751 DIODES-AH1751_09 Datasheet
143Kb / 9P
   HALL EFFECT LATCH
AH1751 Rev. 4
logo
Feeling Technology Corp...
FS41 FEELING-FS41 Datasheet
101Kb / 7P
   Single Hall Effect Latch
logo
Melexis Microelectronic...
MLX90224 MELEXIS-MLX90224_14 Datasheet
486Kb / 10P
   Dual Hall Effect Latch
logo
Seiko Instruments Inc
S-5742NBL0B-Y3N2U SII-S-5742NBL0B-Y3N2U Datasheet
1Mb / 21P
   BIPOLAR HALL EFFECT LATCH
logo
Feeling Technology Corp...
FS3144 FEELING-FS3144 Datasheet
102Kb / 7P
   Single Hall Effect Latch
logo
List of Unclassifed Man...
MLX90224 ETC-MLX90224 Datasheet
174Kb / 8P
   DUAL HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com