Zakładka z wyszukiwarką danych komponentów |
|
FDS6672 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor |
|
FDS6672 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor |
2 / 8 page FDS6672A Rev B(W) Electrical Characteristics T A = 25°C unless otherwise noted Symbol Parameter Test Conditions Min Typ Max Units Off Characteristics BVDSS Drain–Source Breakdown Voltage VGS = 0 V, ID = 250 µA 30 V ∆BVDSS ∆T J Breakdown Voltage Temperature Coefficient ID = 250 µA, Referenced to 25°C 20 mV/ °C IDSS Zero Gate Voltage Drain Current VDS = 24 V, VGS = 0 V 1 µA IGSSF Gate–Body Leakage, Forward VGS = 12 V, VDS = 0 V 100 nA IGSSR Gate–Body Leakage, Reverse VGS = –12 V VDS = 0 V –100 nA On Characteristics (Note 2) VGS(th) Gate Threshold Voltage VDS = VGS, ID = 250 µA 0.8 1.2 2.0 V ∆VGS(th) ∆T J Gate Threshold Voltage Temperature Coefficient ID = 250 µA, Referenced to 25°C -4 mV/ °C RDS(on) Static Drain–Source On–Resistance VGS = 10 V, ID = 14 A VGS = 4.5 V, ID = 12.5 A VGS = 4.5 V, ID = 12.5 A, TJ=125 °C 6.8 8.2 11.5 8 9.5 16 m Ω ID(on) On–State Drain Current VGS = 10 V, VDS = 5 V 50 A gFS Forward Transconductance VDS = 10 V, ID = 15 A 75 S Dynamic Characteristics Ciss Input Capacitance 5070 pF Coss Output Capacitance 550 pF Crss Reverse Transfer Capacitance VDS = 15 V, V GS = 0 V, f = 1.0 MHz 230 pF Switching Characteristics (Note 2) td(on) Turn–On Delay Time 17 25 ns tr Turn–On Rise Time 18 25 ns td(off) Turn–Off Delay Time 69 100 ns tf Turn–Off Fall Time VDD = 10 V, ID = 1 A, VGS = 4.5 V, RGEN = 6 Ω 29 42 ns Qg Total Gate Charge 33 46 nC Qgs Gate–Source Charge 7.5 nC Qgd Gate–Drain Charge VDS = 15 V, ID = 15 A, VGS = 4.5 V 6.8 nC Drain–Source Diode Characteristics and Maximum Ratings IS Maximum Continuous Drain–Source Diode Forward Current 2.1 A VSD Drain–Source Diode Forward Voltage VGS = 0 V, IS = 2.1 A (Note 2) 0.7 1.2 V Notes: 1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design. a) 50°/W when mounted on a 1in 2 pad of 2 oz copper b) 105°/W when mounted on a .04 in 2 pad of 2 oz copper c) 125°/W when mounted on a minimum pad. Scale 1 : 1 on letter size paper 2. Pulse Test: Pulse Width < 300 µs, Duty Cycle < 2.0% |
Podobny numer części - FDS6672 |
|
Podobny opis - FDS6672 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |