Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDS6694 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FDS6694
Szczegółowy opis  30V N-Channel Fast Switching PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6694 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FDS6694 Datasheet HTML 1Page - Fairchild Semiconductor FDS6694 Datasheet HTML 2Page - Fairchild Semiconductor FDS6694 Datasheet HTML 3Page - Fairchild Semiconductor FDS6694 Datasheet HTML 4Page - Fairchild Semiconductor FDS6694 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
December 2001
©2001 Fairchild Semiconductor Corporation
FDS6694 Rev D(W)
FDS6694
30V N-Channel Fast Switching PowerTrench®
® MOSFET
General Description
This
N-Channel
MOSFET
has
been
designed
specifically to improve the overall efficiency of DC/DC
converters using either synchronous or conventional
switching PWM controllers. It has been optimized for
low gate charge, low RDS(ON) and fast switching speed.
Applications
• DC/DC converter
• Power management
• Load switch
Features
• 12 A, 30 V.
RDS(ON) = 11 m
Ω @ VGS = 10 V
RDS(ON) = 13.5 m
Ω @ VGS = 4.5 V
• Low gate charge (13 nC typical)
• High performance trench technology for extremely
low RDS(ON)
• High power and current handling capability.
S
D
S
S
SO-8
D
D
D
G
D
D
D
D
S
S
S
G
Pin 1
SO-8
4
3
2
1
5
6
7
8
Absolute Maximum Ratings T
A=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
30
V
VGSS
Gate-Source Voltage
±16
V
ID
Drain Current
– Continuous
(Note 1a)
12
A
– Pulsed
50
Power Dissipation for Single Operation
(Note 1a)
2.5
(Note 1b)
1.4
PD
(Note 1c)
1.2
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +175
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
50
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1c)
125
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
25
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDS6694
FDS6694
13’’
12mm
2500 units


Podobny numer części - FDS6694

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VBsemi Electronics Co.,...
FDS6694-NL VBSEMI-FDS6694-NL Datasheet
1,008Kb / 9P
   N-Channel 20V (D-S) MOSFET
More results

Podobny opis - FDS6694

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS6298 FAIRCHILD-FDS6298_07 Datasheet
358Kb / 6P
   30V N-Channel Fast Switching PowerTrench MOSFET
FDS6298 FAIRCHILD-FDS6298 Datasheet
311Kb / 5P
   30V N-Channel Fast Switching PowerTrench MOSFET
FDS6294 FAIRCHILD-FDS6294_07 Datasheet
372Kb / 6P
   30V N-Channel Fast Switching PowerTrench MOSFET
FDS6294 FAIRCHILD-FDS6294 Datasheet
139Kb / 5P
   30V N-Channel Fast Switching PowerTrench MOSFET
FDD6296 FAIRCHILD-FDD6296 Datasheet
105Kb / 6P
   30V N-Channel Fast Switching PowerTrench MOSFET
FDS6294 FAIRCHILD-FDS6294 Datasheet
373Kb / 6P
   30V N-Channel Fast Switching PowerTrench
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com