Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDS6984S Arkusz danych(PDF) 6 Page - Fairchild Semiconductor

Numer części FDS6984S
Szczegółowy opis  Dual Notebook Power Supply N-Channel PowerTrench SyncFET?
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6984S Arkusz danych(HTML) 6 Page - Fairchild Semiconductor

  FDS6984S Datasheet HTML 1Page - Fairchild Semiconductor FDS6984S Datasheet HTML 2Page - Fairchild Semiconductor FDS6984S Datasheet HTML 3Page - Fairchild Semiconductor FDS6984S Datasheet HTML 4Page - Fairchild Semiconductor FDS6984S Datasheet HTML 5Page - Fairchild Semiconductor FDS6984S Datasheet HTML 6Page - Fairchild Semiconductor FDS6984S Datasheet HTML 7Page - Fairchild Semiconductor FDS6984S Datasheet HTML 8Page - Fairchild Semiconductor FDS6984S Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
FDS6680S Rev C (W)
Typical Characteristics Q1
0
10
20
30
40
01
23
4
5
VDS, DRAIN-SOURCE VOLTAGE (V)
4.0V
3.0
3.5V
4.5
VGS = 10V
5.0
6.0
0.5
1
1.5
2
2.5
3
010
20
30
ID, DRAIN CURRENT (A)
VGS = 3.0V
4.0V
3.5V
10V
4.5V
5.0V
6.0V
Figure 11. On-Region Characteristics.
Figure 12. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = 4.6A
VGS = 10V
0
0.05
0.1
0.15
0.2
2.533.544.5
5
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 2.3 A
TA = 125
oC
TA = 25
oC
Figure 13. On-Resistance Variation with
Temperature.
Figure 14. On-Resistance Variation with
Gate-to-Source Voltage.
0
5
10
15
20
25
1
234
5
VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25
oC
125
oC
VDS = 5V
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25
oC
-55
oC
VGS = 0V
Figure 15. Transfer Characteristics.
Figure 16. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Podobny numer części - FDS6984S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS6984S FAIRCHILD-FDS6984S Datasheet
200Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET?
More results

Podobny opis - FDS6984S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS6984AS FAIRCHILD-FDS6984AS Datasheet
150Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6994S FAIRCHILD-FDS6994S Datasheet
299Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6986AS FAIRCHILD-FDS6986AS Datasheet
177Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6982S FAIRCHILD-FDS6982S Datasheet
256Kb / 12P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFet?
FDS6982AS FAIRCHILD-FDS6982AS_06 Datasheet
1,009Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6982AS FAIRCHILD-FDS6982AS Datasheet
168Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6986S FAIRCHILD-FDS6986S Datasheet
200Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET?
FDS6984AS FAIRCHILD-FDS6984AS_08 Datasheet
443Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
logo
ON Semiconductor
FDS6982AS ONSEMI-FDS6982AS Datasheet
611Kb / 11P
   Dual Notebook Power Supply N-Channel PowerTrench짰 SyncFET?
October-2017, Rev. 2
logo
Fairchild Semiconductor
FDS6982AS FAIRCHILD-FDS6982AS_08 Datasheet
440Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench짰 SyncFET?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com