Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG408BRZ-REEL1 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADG408BRZ-REEL1
Szczegółowy opis  LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG408BRZ-REEL1 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADG408BRZ-REEL1 Datasheet HTML 3Page - Analog Devices ADG408BRZ-REEL1 Datasheet HTML 4Page - Analog Devices ADG408BRZ-REEL1 Datasheet HTML 5Page - Analog Devices ADG408BRZ-REEL1 Datasheet HTML 6Page - Analog Devices ADG408BRZ-REEL1 Datasheet HTML 7Page - Analog Devices ADG408BRZ-REEL1 Datasheet HTML 8Page - Analog Devices ADG408BRZ-REEL1 Datasheet HTML 9Page - Analog Devices ADG408BRZ-REEL1 Datasheet HTML 10Page - Analog Devices ADG408BRZ-REEL1 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADG408/ADG409
Rev. C | Page 7 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
A0 1
EN 2
VSS 3
S1 4
A1
16
A2
15
GND
14
VDD
13
S2 5
S5
12
S3 6
S6
11
S4 7
S7
10
D 8
S8
9
ADG408
TOP VIEW
(Not to Scale)
Figure 2. ADG408 Pin Configuration
A0 1
EN 2
VSS 3
S1A 4
A1
16
GND
15
VDD
14
S1B
13
S2A 5
S3A 6
S4A 7
S2B
12
S3B
11
S4B
10
DA 8
DB
9
ADG409
TOP VIEW
(Not to Scale)
Figure 3. ADG409 Pin Configuration
Table 4. ADG408 Pin Function Descriptions
Pin
No.
Mnemonic
Description
1
A0
Logic Control Input.
2
EN
Active High Digital Input. When low, the
device is disabled and all switches are off.
When high, Ax logic inputs determine on
switches.
3
VSS
Most Negative Power Supply Potential in
Dual Supplies. In single-supply applications,
it can be connected to ground.
4
S1
Source Terminal 1. Can be an input or
an output.
5
S2
Source Terminal 2. Can be an input or
an output.
6
S3
Source Terminal 3. Can be an input or
an output.
7
S4
Source Terminal 4. Can be an input or
an output.
8
D
Drain Terminal. Can be an input or an
output.
9
S8
Source Terminal 8. Can be an input or
an output.
10
S7
Source Terminal 7. Can be an input or
an output.
11
S6
Source Terminal 6. Can be an input or
an output.
12
S5
Source Terminal 5. Can be an input or
an output.
13
VDD
Most Positive Power Supply Potential.
14
GND
Ground (0 V) Reference.
15
A2
Logic Control Input.
16
A1
Logic Control Input.
Table 5. ADG409 Pin Function Descriptions
Pin
No.
Mnemonic
Description
1
A0
Logic Control Input.
2
EN
Active High Digital Input. When low, the
device is disabled and all switches are off.
When high, Ax logic inputs determine on
switches.
3
VSS
Most Negative Power Supply Potential in
Dual Supplies. In single-supply applications,
it can be connected to ground.
4
S1A
Source Terminal 1A. Can be an input or
an output.
5
S2A
Source Terminal 2A. Can be an input or
an output.
6
S3A
Source Terminal 3A. Can be an input or
an output.
7
S4A
Source Terminal 4A. Can be an input or
an output.
8
DA
Drain Terminal A. Can be an input or an
output.
9
DB
Drain Terminal B. Can be an input or an
output.
10
S4B
Source Terminal 4B. Can be an input or
an output.
11
S3B
Source Terminal 3B. Can be an input or
an output.
12
S2B
Source Terminal 2B. Can be an input or
an output.
13
S1B
Source Terminal 1B. Can be an input or
an output.
14
VDD
Most Positive Power Supply Potential.
15
GND
Ground (0 V) Reference.
16
A1
Logic Control Input.
Table 6. ADG408 Truth Table
A2
A1
A0
EN
ON SWITCH
X
X
X
0
NONE
0
0
0
1
1
0
0
1
1
2
0
1
0
1
3
0
1
1
1
4
1
0
0
1
5
1
0
1
1
6
1
1
0
1
7
1
1
1
1
8
Table 7. ADG409 Truth Table
ON SWITCH
A1
A0
EN
PAIR
X
X
0
NONE
0
0
1
1
0
1
1
2
1
0
1
3
1
1
1
4


Podobny numer części - ADG408BRZ-REEL1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG408BRZ-REEL AD-ADG408BRZ-REEL Datasheet
312Kb / 15P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Rev. D
ADG408BRZ-REEL7 AD-ADG408BRZ-REEL7 Datasheet
312Kb / 15P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Rev. D
More results

Podobny opis - ADG408BRZ-REEL1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG408 AD-ADG408_V01 Datasheet
312Kb / 15P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Rev. D
ADG408 AD-ADG408 Datasheet
223Kb / 11P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
REV. A
ADG428BRZ AD-ADG428BRZ Datasheet
165Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG428 AD-ADG428 Datasheet
157Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG407BPZ AD-ADG407BPZ Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406_10 Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406 Datasheet
378Kb / 12P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. 0
ADG438F AD-ADG438F Datasheet
127Kb / 8P
   High Performance 4/8 Channel Fault-Protected Analog Multiplexers
REV. D
ADG439FBRZ AD-ADG439FBRZ Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG409 AD-ADG409_15 Datasheet
440Kb / 16P
   LC MOS 4-/8-Channel High Performance Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com