Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDS7760A Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części FDS7760A
Szczegółowy opis  N-Channel Logic Level PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS7760A Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  FDS7760A Datasheet HTML 1Page - Fairchild Semiconductor FDS7760A Datasheet HTML 2Page - Fairchild Semiconductor FDS7760A Datasheet HTML 3Page - Fairchild Semiconductor FDS7760A Datasheet HTML 4Page - Fairchild Semiconductor FDS7760A Datasheet HTML 5Page - Fairchild Semiconductor FDS7760A Datasheet HTML 6Page - Fairchild Semiconductor FDS7760A Datasheet HTML 7Page - Fairchild Semiconductor FDS7760A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FDS7760A Rev. B (W)
DMOS Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V, ID = 250
µA
30
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250
µA, Referenced to 25°C
24
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V, VGS = 0 V
1
µA
IGSSF
Gate–Body Leakage, Forward
VGS = 20 V, VDS = 0 V
100
nA
IGSSR
Gate–Body Leakage, Reverse
VGS = –20 V VDS = 0 V
–100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250
µA
11.6
3
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = 250
µA, Referenced to 25°C
-5
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 10 V, ID = 15 A
VGS = 10 V, ID = 15 A, TJ = 125
°C
VGS = 4.5 V, ID = 13 A
4.5
7
6
5.5
10
8
m
ID(on)
On–State Drain Current
VGS = 10 V, VDS = 5 V
50
A
gFS
Forward Transconductance
VDS = 10 V,
ID = 15 A
65
S
Dynamic Characteristics
Ciss
Input Capacitance
3514
pF
Coss
Output Capacitance
1123
pF
Crss
Reverse Transfer Capacitance
VDS = 15 V, V GS = 0 V,
f = 1.0 MHz
307
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
13
20
ns
tr
Turn–On Rise Time
12
19
ns
td(off)
Turn–Off Delay Time
78
125
ns
tf
Turn–Off Fall Time
VDD = 15 V, ID = 1 A,
VGS = 10 V, RGEN = 6
32
51
ns
Qg
Total Gate Charge
37
55
nC
Qgs
Gate–Source Charge
10
nC
Qgd
Gate–Drain Charge
VDS = 15 V, ID = 15 A,
VGS = 5 V
12
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
2.1
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 2.1 A
(Note 2)
0.7
1.2
V
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a) 50°/W when
mounted on a 1in
2
pad of 2 oz copper
b) 105°/W when
mounted on a .04 in
2
pad of 2 oz copper
c) 125°/W when mounted on a
minimum pad.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


Podobny numer części - FDS7760A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS7764A FAIRCHILD-FDS7764A Datasheet
276Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS7764S FAIRCHILD-FDS7764S Datasheet
127Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDS7766 FAIRCHILD-FDS7766 Datasheet
121Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDS7766S FAIRCHILD-FDS7766S Datasheet
160Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results

Podobny opis - FDS7760A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDT461N FAIRCHILD-FDT461N Datasheet
267Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP6030BL FAIRCHILD-FDP6030BL Datasheet
401Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP7045L FAIRCHILD-FDP7045L Datasheet
428Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
226Kb / 6P
   N-Channel, Logic Level, PowerTrench??MOSFET
logo
ON Semiconductor
FDMS9409L_F085 ONSEMI-FDMS9409L_F085 Datasheet
604Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
October 2016 Rev. 1.0
FDD9411L_F085 ONSEMI-FDD9411L_F085 Datasheet
580Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
FDD9409L_F085 ONSEMI-FDD9409L_F085 Datasheet
608Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP7045L FAIRCHILD-FDP7045L_04 Datasheet
110Kb / 5P
   N-Channel Logic Level PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDB7045L KEXIN-KDB7045L Datasheet
58Kb / 2P
   N-Channel Logic Level PowerTrench MOSFET
logo
Fairchild Semiconductor
FDD6035AL FAIRCHILD-FDD6035AL Datasheet
119Kb / 6P
   N-Channel, Logic Level, PowerTrench MOSFET
FDD6680A FAIRCHILD-FDD6680A Datasheet
200Kb / 8P
   N-Channel, Logic Level, PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com