Zakładka z wyszukiwarką danych komponentów |
|
TC1412N Arkusz danych(PDF) 4 Page - Microchip Technology |
|
TC1412N Arkusz danych(HTML) 4 Page - Microchip Technology |
4 / 18 page TC1412/TC1412N DS21391D-page 4 2001-2012 Microchip Technology Inc. TEMPERATURE CHARACTERISTICS Delay Time tD1 —35 45 nsec TA = +25°C, —40 50 0°C T A+70°C —40 50 -40°C T A+85°C, Figure 4-1 Delay Time tD2 —35 45 nsec TA = +25°C —40 50 0°C T A+70°C —40 50 -40°C T A+85°C, Figure 4-1 Power Supply Power Supply Current IS —0.5 1.0 mA VIN = 3V, VDD = 16V — 0.1 0.15 VIN = 0V Electrical Specifications: Unless otherwise noted, all parameters apply with 4.5V V DD 18V. Parameters Sym Min Typ Max Units Conditions Temperature Ranges Specified Temperature Range (C) TA 0— +70 ºC Specified Temperature Range (E) TA -40 — +85 ºC Maximum Junction Temperature TJ — — +150 ºC Storage Temperature Range TA -65 — +150 ºC Package Thermal Resistances Thermal Resistance, 8L-MSOP JA —206 — ºC/W Thermal Resistance, 8L-PDIP JA —125 — ºC/W Thermal Resistance, 8L-SOIC JA —155 — ºC/W DC ELECTRICAL CHARACTERISTICS (CONTINUED) Electrical Specifications: Unless otherwise noted, over operating temperature range with 4.5V V DD16V. Typical values are measured at TA = +25°C, VDD= 16V. Parameters Sym Min Typ Max Units Conditions Note 1: Switching times ensured by design. |
Podobny numer części - TC1412N |
|
Podobny opis - TC1412N |