Zakładka z wyszukiwarką danych komponentów |
|
AD829AQ Arkusz danych(PDF) 4 Page - Analog Devices |
|
AD829AQ Arkusz danych(HTML) 4 Page - Analog Devices |
4 / 20 page AD829 Data Sheet Rev. I | Page 4 of 20 AD829JR AD829AR AD829AQ/AD829S Parameter Conditions VS Min Typ Max Min Typ Max Min Typ Max Unit INPUT COMMON-MODE VOLTAGE RANGE ±5 V +4.3 +4.3 +4.3 V −3.8 −3.8 −3.8 V ±15 V +14.3 +14.3 +14.3 V −13.8 −13.8 −13.8 V OUTPUT VOLTAGE SWING RL = 500 Ω ±5 V ±3.0 ±3.6 ±3.0 ±3.6 ±3.0 ±3.6 V RL = 150 Ω ±5 V ±2.5 ±3.0 ±2.5 ±3.0 ±2.5 ±3.0 V RL = 50 Ω ±5 V ±1.4 ±1.4 ±1.4 V RL = 1 kΩ ±15 V ±12 ±13.3 ±12 ±13.3 ±12 ±13.3 V RL = 500 Ω ±15 V ±10 ±12.2 ±10 ±12.2 ±10 ±12.2 V Short-Circuit Current ±5 V, ±15 V 32 32 32 mA INPUT CHARACTERISTICS Input Resistance (Differential) 13 13 13 kΩ Input Capacitance (Differential)4 5 5 5 pF Input Capacitance (Common Mode) 1.5 1.5 1.5 pF CLOSED-LOOP OUTPUT RESISTANCE AV = +1, f = 1 kHz 2 2 2 mΩ POWER SUPPLY Operating Range ±4.5 ±18 ±4.5 ±18 ±4.5 ±18 V Quiescent Current ±5 V 5 6.5 5 6.5 5 6.5 mA tMIN to tMAX 8.0 8.0 8.7 mA ±15 V 5.3 6.8 5.3 6.8 5.3 6.8 mA tMIN to tMAX 8.3 9.0 9.0 mA TRANSISTOR COUNT Number of transistors 46 46 46 1 Full power bandwidth = slew rate/2 π VPEAK. 2 Tested at gain = 20, CCOMP = 0 pF. 3 3.58 MHz (NTSC) and 4.43 MHz (PAL and SECAM). 4 Differential input capacitance consists of 1.5 pF package capacitance plus 3.5 pF from the input differential pair. |
Podobny numer części - AD829AQ |
|
Podobny opis - AD829AQ |