Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5253BRU50-RL7 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD5253BRU50-RL7
Szczegółowy opis  Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5253BRU50-RL7 Arkusz danych(HTML) 5 Page - Analog Devices

  AD5253BRU50-RL7 Datasheet HTML 1Page - Analog Devices AD5253BRU50-RL7 Datasheet HTML 2Page - Analog Devices AD5253BRU50-RL7 Datasheet HTML 3Page - Analog Devices AD5253BRU50-RL7 Datasheet HTML 4Page - Analog Devices AD5253BRU50-RL7 Datasheet HTML 5Page - Analog Devices AD5253BRU50-RL7 Datasheet HTML 6Page - Analog Devices AD5253BRU50-RL7 Datasheet HTML 7Page - Analog Devices AD5253BRU50-RL7 Datasheet HTML 8Page - Analog Devices AD5253BRU50-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Data Sheet
AD5253/AD5254
Rev. C | Page 5 of 32
10 kΩ, 50 kΩ, 100 kΩ VERSIONS
VDD = +3 V ± 10% or +5 V ± 10%, VSS = 0 V or VDD/VSS = ±2.5 V ± 10%, VA = VDD, VB = 0 V, –40°C < TA < +105°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DC CHARACTERISTICS—
RHEOSTAT MODE
Resolution
N
AD5253/AD5254
6/8
Bits
Resistor Differential Nonlinearity2
R-DNL
R
WB, RWA = NC, AD5253
−0.75
±0.10
+0.75
LSB
R
WB, RWA = NC, AD5254
−1.00
±0.25
+1.00
LSB
Resistor Nonlinearity2
R-INL
R
WB, RWA = NC, AD5253
−0.75
±0.25
+0.75
LSB
R
WB, RWA = NC, AD5254
−2.5
±1.0
+2.5
LSB
Nominal Resistor Tolerance
ΔR
AB/RAB
T
A = 25°C
−20
+20
%
Resistance Temperature
Coefficient
(ΔR
AB/RAB) × 10
6/ΔT
650
ppm/°C
Wiper Resistance
R
W
I
W = 1 V/R, VDD = 5 V
75
130
I
W = 1 V/R, VDD = 3 V
200
300
Channel-Resistance Matching
ΔR
AB1/ΔRAB2
R
AB = 10 kΩ, 50 kΩ
0.15
%
R
AB = 100 kΩ
0.05
%
DC CHARACTERISTICS—
POTENTIOMETER DIVIDER MODE
Differential Nonlinearity3
DNL
AD5253
−0.5
±0.1
+0.5
LSB
AD5254
−1.0
±0.3
+1.0
LSB
Integral Nonlinearity3
INL
AD5253
−0.50
±0.15
+0.50
LSB
AD5254
−1.5
±0.5
+1.5
LSB
Voltage Divider
Temperature Coefficient
(ΔV
W/VW) × 10
6/ΔT
Code = half scale
15
ppm/°C
Full-Scale Error
V
WFSE
Code = full scale, AD5253
−1.0
−0.3
0
LSB
Code = full scale, AD5254
−3
−1
0
LSB
Zero-Scale Error
V
WZSE
Code = zero scale, AD5253
0
0.3
1.0
LSB
Code = zero scale, AD5254
0
1.2
3.0
LSB
RESISTOR TERMINALS
Voltage Range4
V
A, VB, VW
V
SS
V
DD
V
Capacitance5 A, B
C
A, CB
f = 1 kHz, measured to GND,
code = half scale
85
pF
Capacitance5 W
C
W
f = 1 kHz, measured to GND,
code = half scale
95
pF
Common-Mode Leakage Current
I
CM
V
A = VB = VDD/2
0.01
1
µA
DIGITAL INPUTS AND OUTPUTS
Input Logic High
V
IH
V
DD = 5 V, VSS = 0 V
2.4
V
V
DD/VSS = +2.7 V/0 V or VDD/VSS = ±2.5 V
2.1
V
Input Logic Low
V
IL
V
DD = 5 V, VSS = 0 V
0.8
V
V
DD/VSS = +2.7 V/0 V or VDD/VSS = ±2.5 V
0.6
V
Output Logic High (SDA)
V
OH
R
PULL-UP = 2.2 kΩ to VDD = 5 V, VSS = 0 V
4.9
V
Output Logic Low (SDA)
V
OL
R
PULL-UP = 2.2 kΩ to VDD = 5 V, VSS = 0 V
0.4
V
WP Leakage Current
I
WP
WP = VDD
8
µA
A0 Leakage Current
I
A0
A0 = GND
3
µA
Input Leakage Current
(Other than WP and A0)
I
I
V
IN = 0 V or VDD
±1
µA
Input Capacitance5
C
I
5
pF


Podobny numer części - AD5253BRU50-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5253BRU50-RL7 AD-AD5253BRU50-RL7 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5253BRU50-RL7 AD-AD5253BRU50-RL7 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
More results

Podobny opis - AD5253BRU50-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5253 AD-AD5253 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5254BRUZ50 AD-AD5254BRUZ50 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
AD5251 AD-AD5251_12 Datasheet
575Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5254 AD-AD5254_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5252 AD-AD5252 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5251 AD-AD5251_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5252 AD-AD5252_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com