Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5421 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD5421
Szczegółowy opis  16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5421 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD5421_13 Datasheet HTML 7Page - Analog Devices AD5421_13 Datasheet HTML 8Page - Analog Devices AD5421_13 Datasheet HTML 9Page - Analog Devices AD5421_13 Datasheet HTML 10Page - Analog Devices AD5421_13 Datasheet HTML 11Page - Analog Devices AD5421_13 Datasheet HTML 12Page - Analog Devices AD5421_13 Datasheet HTML 13Page - Analog Devices AD5421_13 Datasheet HTML 14Page - Analog Devices AD5421_13 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Data Sheet
AD5421
Rev. F | Page 11 of 36
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted. Transient currents of up
to 100 mA do not cause SCR latch-up.
Table 6.
Parameter
Rating
REGIN to COM
−0.3 V to +60 V
REGOUT to COM
−0.3 V to +14 V
Digital Inputs to COM,
RANGE0, RANGE1, RINT/REXT,
ALARM_CURRENT_DIRECTION,
REG_SEL0, REG_SEL1, REG_SEL2
−0.3 V to DVDD + 0.3 V
or +7 V (whichever is less)
Digital Inputs to COM
SCLK, SDIN, SYNC, LDAC
−0.3 V to IODVDD + 0.3 V
or +7 V (whichever is less)
Digital Outputs to COM,
SDO, FAULT
−0.3 V to IODVDD + 0.3 V
or +7 V (whichever is less)
REFIN to COM
−0.3 V to +7 V
REFOUT1, REFOUT2
−0.3 V to +4.7 V
VLOOP to COM
−0.3 V to +60 V
LOOP− to COM
−5 V to +0.3 V
DVDD to COM
−0.3 V to +7 V
IODVDD to COM
−0.3 V to +7 V
REXT1, CIN to COM
−0.3 V to +4.3 V
REXT2 to COM
−0.3 V to +0.3 V
DRIVE to COM
−0.3 V to +11 V
Operating Temperature Range (TA)
Industrial
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ MAX)
125°C
Power Dissipation
(TJ MAX − TA)/θJA
Lead Temperature,
Soldering (10 sec)
JEDEC Industry Standard
J-STD-020
ESD
Human Body Model
3 kV
Field Induced Charged Device
Model
2 kV
Machine Model
200 V
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 7. Thermal Resistance
Package Type
θJA
θJC
Unit
28-Lead TSSOP_EP (RE-28-2)
32
9
°C/W
32-Lead LFCSP_WQ (CP-32-11)
40
7
°C/W
ESD CAUTION


Podobny numer części - AD5421_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
More results

Podobny opis - AD5421_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
UG-250 AD-UG-250 Datasheet
562Kb / 12P
   Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
REV. A
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421 Datasheet
171Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421BRZRL AD-AD421BRZRL Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421_15 Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
AD420 AD-AD420_11 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420_15 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420ANZ-32 AD-AD420ANZ-32 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com