Zakładka z wyszukiwarką danych komponentów |
|
AD7715ARU-5 Arkusz danych(PDF) 4 Page - Analog Devices |
|
AD7715ARU-5 Arkusz danych(HTML) 4 Page - Analog Devices |
4 / 40 page AD7715 Rev. D | Page 4 of 40 Parameter1 Min Typ Max Unit Conditions/Comments LOGIC OUTPUTS (Including MCLK OUT) VOL, Output Low Voltage 0.4 V ISINK = 800 μA except for MCLK OUT12; DVDD = 5 V VOL, Output Low Voltage 0.4 V ISINK = 100 μA except for MCLK OUT12; DVDD = 3.3 V VOH, Output High Voltage 4.0 V ISOURCE = 200 μA except for MCLK OUT12; DVDD = 5 V VOH, Output High Voltage DVDD − 0.6 V ISOURCE = 100 μA except for MCLK OUT12; DVDD = 3.3 V Floating State Leakage Current ±10 μA Floating State Output Capacitance13 9 pF Data Output Coding Binary Unipolar mode Offset binary Bipolar mode 1 Temperature range as follows: A version, −40°C to +85°C. 2 A calibration is effectively a conversion, so these errors are of the order of the conversion noise shown in Table 15 to Table 22. This applies after calibration at the temperature of interest. 3 Recalibration at any temperature removes these drift errors. 4 Positive full-scale error includes zero-scale errors (unipolar offset error or bipolar zero error) and applies to both unipolar and bipolar input ranges. 5 Full-scale drift includes zero-scale drift (unipolar offset drift or bipolar zero drift) and applies to both unipolar and bipolar input ranges. 6 Gain error does not include zero-scale errors. It is calculated as full-scale error–unipolar offset error for unipolar ranges and full-scale error–bipolar zero error for bipolar ranges. 7 Gain error drift does not include unipolar offset drift/bipolar zero drift. It is effectively the drift of the part if zero scale calibrations only were performed. 8 These numbers are guaranteed by design and/or characterization. 9 This common-mode voltage range is allowed provided that the input voltage on AIN(+) or AIN(−) does not go more positive than AVDD + 30 mV or go more negative than AGND − 30 mV. 10 The analog input voltage range on AIN(+) is given here with respect to the voltage on AIN(−). The absolute voltage on the analog inputs should not go more positive than AVDD + 30 mV or go more negative than AGND − 30 mV. 11 VREF = REF IN(+) − REF IN(−). 12 These logic output levels apply to the MCLK OUT only when it is loaded with one CMOS load. 13 Sample tested at 25°C to ensure compliance. |
Podobny numer części - AD7715ARU-5 |
|
Podobny opis - AD7715ARU-5 |