Zakładka z wyszukiwarką danych komponentów |
|
AD7730LBR-REEL7 Arkusz danych(PDF) 3 Page - Analog Devices |
|
AD7730LBR-REEL7 Arkusz danych(HTML) 3 Page - Analog Devices |
3 / 53 page –3– AD7730/AD7730L Parameter B Version1 Units Conditions/Comments LOGIC INPUTS Input Current ±10 μA max All Inputs Except SCLK and MCLK IN VINL, Input Low Voltage 0.8 V max DVDD = +5 V VINL, Input Low Voltage 0.4 V max DVDD = +3 V VINH, Input High Voltage 2.0 V min SCLK Only (Schmitt Triggered Input) VT+ 1.4/3 V min to V max DVDD = +5 V VT+ 1/2.5 V min to V max DVDD = +3 V VT– 0.8/1.4 V min to V max DVDD = +5 V VT– 0.4/1.1 V min to V max DVDD = +3 V VT+ – VT– 0.4/0.8 V min to V max DVDD = +5 V VT+ – VT– 0.4/0.8 V min to V max DVDD = +3 V MCLK IN Only VINL, Input Low Voltage 0.8 V max DVDD = +5 V VINL, Input Low Voltage 0.4 V max DVDD = +3 V VINH, Input High Voltage 3.5 V min DVDD = +5 V VINH, Input High Voltage 2.5 V min DVDD = +3 V LOGIC OUTPUTS (Including MCLK OUT) VOL, Output Low Voltage ISINK = 800 μA Except for MCLK OUT14; 0.4 V max VDD15 = +5 V VOL, Output Low Voltage ISINK = 100 μA Except for MCLK OUT14; 0.4 V max VDD15 = +3 V VOH, Output High Voltage ISOURCE = 200 μA Except for MCLK OUT14; 4.0 V min VDD15 = +5 V VOH, Output High Voltage ISOURCE = 100 μA Except for MCLK OUT14; VDD – 0.6 V V min VDD15 = +3 V Floating State Leakage Current ±10 μA max Floating State Output Capacitance2 6 pF typ TRANSDUCER BURNOUT AIN1(+) Current –100 nA nom AIN1(–) Current 100 nA nom Initial Tolerance @ 25 °C ±10 % typ Drift2 0.1 %/ °C typ OFFSET (TARE) DAC Resolution 6 Bit LSB Size 2.3/2.6 mV min/mV max 2.5 mV Nominal with 5 V Reference (REF IN/2000) DAC Drift16 2.5 ppm/ °C max DAC Drift vs. Time4, 16 25 ppm/1000 Hours typ Differential Linearity –0.25/+0.75 LSB max Guaranteed Monotonic SYSTEM CALIBRATION Positive Full-Scale Calibration Limit17 1.05 × FS V max FS Is the Nominal Full-Scale Voltage (10 mV, 20 mV, 40 mV or 80 mV) Negative Full-Scale Calibration Limit17 –1.05 × FS V max Offset Calibration Limit18 –1.05 × FS V max Input Span17 0.8 × FS V min 2.1 × FS V max POWER REQUIREMENTS Power Supply Voltages AVDD – AGND Voltage +4.75 to +5.25 V min to V max DVDD Voltage +2.7 to +5.25 V min to V max With AGND = 0 V Power Supply Currents External MCLK. Digital I/Ps = 0 V or DVDD AVDD Current (Normal Mode) 10.3 mA max All Input Ranges Except 0 mV to +10 mV and ±10 mV AVDD Current (Normal Mode) 22.3 mA max Input Ranges of 0 mV to +10 mV and ±10 mV Only DVDD Current (Normal Mode) 1.3 mA max DVDD of 2.7 V to 3.3 V DVDD Current (Normal Mode) 2.7 mA max DVDD of 4.75 V to 5.25 V AVDD + DVDD Current (Standby Mode) 25 μA max Typically 10 μA. External MCLK IN = 0 V or DVDD Power Dissipation AVDD = DVDD = +5 V. Digital I/Ps = 0 V or DVDD Normal Mode 65 mW max All Input Ranges Except 0 mV to +10 mV and ±10 mV 125 mW max Input Ranges of 0 mV to +10 mV and ±10 mV Only Standby Mode 125 μW max Typically 50 μW. External MCLK IN = 0 V or DVDD REV. B |
Podobny numer części - AD7730LBR-REEL7 |
|
Podobny opis - AD7730LBR-REEL7 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |