Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7787BRMZ Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD7787BRMZ
Szczegółowy opis  Low Power, 2-Channel 24-Bit Sigma-Delta ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7787BRMZ Arkusz danych(HTML) 3 Page - Analog Devices

  AD7787BRMZ Datasheet HTML 1Page - Analog Devices AD7787BRMZ Datasheet HTML 2Page - Analog Devices AD7787BRMZ Datasheet HTML 3Page - Analog Devices AD7787BRMZ Datasheet HTML 4Page - Analog Devices AD7787BRMZ Datasheet HTML 5Page - Analog Devices AD7787BRMZ Datasheet HTML 6Page - Analog Devices AD7787BRMZ Datasheet HTML 7Page - Analog Devices AD7787BRMZ Datasheet HTML 8Page - Analog Devices AD7787BRMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
AD7787
Rev. A | Page 3 of 20
SPECIFICATIONS
Temperature range is −40°C to +105°C. VDD = 2.5 V to 5.25 V; REFIN = 2.5 V; GND = 0 V; CDIV1 = CDIV0 = 0; all specifications TMIN to
TMAX, unless otherwise noted.
Table 1.
Parameter
AD7787B
Unit
Test Conditions/Comments
ADC CHANNEL SPECIFICATION
Output Update Rate
9.5
Hz min nom
120
Hz max nom
ADC CHANNEL
No Missing Codes1
24
Bits min
Update rate ≤ 20 Hz.
Resolution
19.5
Bits p-p
9.5 Hz update rate.
Output Noise
1.1
µV rms typ
Integral Nonlinearity
±15
ppm of FSR max
3.5 ppm typ.
Offset Error
±3
µV typ
Offset Error Drift vs. Temperature
±10
nV/°C typ
Full-Scale Error2
±10
µV typ
Gain Drift vs. Temperature
±0.5
ppm/°C typ
Power Supply Rejection
90
dB min
100 dB typ, AIN = 1 V.
ANALOG INPUTS
Bipolar Input Voltage Range
±REFIN
V nom
Because AIN2 is single-ended, it can have a negative
voltage of 100 mV minimum (see Page 18).
Unipolar Voltage Range
0 to REFIN
V nom
Absolute AIN Voltage Limits1
GND + 100 mV
V min
Buffered mode.
VDD – 100 mV
V max
Analog Input Current
Buffered mode.
Average Input Current1
±1
nA max
Average Input Current Drift
±5
pA/°C typ
Absolute AIN Voltage Limits1, 3
GND – 100 mV
V min
Unbuffered mode.
VDD + 30 mV
V max
Analog Input Current
Unbuffered mode. Current varies with input voltage.
Average Input Current
±400
nA/V typ
Average Input Current Drift
±50
pA/V/°C typ
Normal Mode Rejection1
@ 50 Hz, 60 Hz
65
dB min
73 dB typ, 50 ± 1 Hz, 60 ± 1 Hz, FS[2:0] = 1004.
@ 50 Hz
80
dB min
90 dB typ, 50 ± 1 Hz, FS[2:0] = 1014.
@ 60 Hz
80
dB min
90 dB typ, 60 ± 1 Hz, FS[2:0] = 0114.
Common-Mode Rejection (AIN1)
AIN = 1 V.
@ DC
90
dB min
100 dB typ.
@ 50 Hz, 60 Hz1
100
dB min
50 ± 1 Hz (FS[2:0] = 1014), 60 ± 1 Hz (FS[2:0] = 0114).
REFERENCE INPUT
REFIN Voltage
2.5
V nom
Reference Voltage Range1
0.1
V min
VDD
V max
Average Reference Input Current
0.5
µA/V typ
Average Reference Input Current Drift
±0.03
nA/V/°C typ
Normal Mode Rejection1
@ 50 Hz, 60 Hz
65
dB min
73 dB typ, 50 ± 1 Hz, 60 ± 1 Hz, FS[2:0] = 1004.
@ 50 Hz
80
dB min
90 dB typ, 50 ± 1 Hz, FS[2:0] = 1014.
@ 60 Hz
80
dB min
90 dB typ, 60 ± 1 Hz, FS[2:0] = 0114.


Podobny numer części - AD7787BRMZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7787BRMZ AD-AD7787BRMZ Datasheet
362Kb / 21P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
AD7787BRMZ-RL AD-AD7787BRMZ-RL Datasheet
362Kb / 21P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
More results

Podobny opis - AD7787BRMZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7787 AD-AD7787 Datasheet
326Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. 0
AD7787 AD-AD7787_15 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7787 AD-AD7787_17 Datasheet
362Kb / 21P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
AD7791 AD-AD7791_17 Datasheet
525Kb / 21P
   Low Power, Buffered 24-Bit Sigma-Delta ADC
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7797 AD-AD7797_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
logo
Analog Devices
AD7791 AD-AD7791 Datasheet
308Kb / 20P
   Low Power, Buffered 24-Bit Sigma-Delta ADC
REV. 0
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
   24-Bit Sigma-Delta ADC
logo
Core Technology (Shenzh...
CS1242 CHIPSEA-CS1242 Datasheet
709Kb / 29P
   24-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com