Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7794 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD7794
Szczegółowy opis  6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7794 Arkusz danych(HTML) 1 Page - Analog Devices

  AD7794_07 Datasheet HTML 1Page - Analog Devices AD7794_07 Datasheet HTML 2Page - Analog Devices AD7794_07 Datasheet HTML 3Page - Analog Devices AD7794_07 Datasheet HTML 4Page - Analog Devices AD7794_07 Datasheet HTML 5Page - Analog Devices AD7794_07 Datasheet HTML 6Page - Analog Devices AD7794_07 Datasheet HTML 7Page - Analog Devices AD7794_07 Datasheet HTML 8Page - Analog Devices AD7794_07 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
6-Channel, Low Noise, Low Power, 24-/16-Bit
∑-Δ ADC with On-Chip In-Amp and Reference
AD7794/AD7795
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2004–2007 Analog Devices, Inc. All rights reserved.
FEATURES
Up to 23 effective bits
RMS noise: 40 nV @ 4.17 Hz, 85 nV @ 16.7 Hz
Current: 400 μA typical
Power-down: 1 μA maximum
Low noise, programmable gain, instrumentation amp
Band gap reference with 4 ppm/°C drift typical
Update rate: 4.17 Hz to 470 Hz
Six differential analog inputs
Internal clock oscillator
Simultaneous 50 Hz/60 Hz rejection
Reference detect
Programmable current sources
On-chip bias voltage generator
Burnout currents
Low-side power switch
Power supply: 2.7 V to 5.25 V
Temperature range:
B grade: –40°C to +105°C
C grade: –40°C to +125°C
Independent interface power supply
24-lead TSSOP
3-wire serial interface
SPI®, QSPI™, MICROWIRE™, and DSP compatible
Schmitt trigger on SCLK
APPLICATIONS
Temperature measurement
Pressure measurement
Weigh scales
Strain gage transducers
Gas analysis
Industrial process control
Instrumentation
Blood analysis
Smart transmitters
Liquid/gas chromatography
6-digit DVM
GENERAL DESCRIPTION
The AD7794/AD7795 are low power, low noise, complete
analog front ends for high precision measurement applications.
They contain a low noise, 24-/16-bit ∑-Δ ADC with six
differential inputs. The on-chip low noise instrumentation
amplifier means that signals of small amplitude can be
interfaced directly to the ADC.
Each device contains a precision, low noise, low drift internal
band gap reference, and can also accept up to two external
differential references. Other on-chip features include
programmable excitation current sources, burnout currents,
and a bias voltage generator that is used to set the common-
mode voltage of a channel to AVDD/2. The low-side power
switch can be used to power down bridge sensors between
conversions, minimizing the system’s power consumption. The
AD7794/AD7795 can operate with either an internal clock or
an external clock. The output data rate from each part can vary
from 4.17 Hz to 470 Hz.
Both parts operate with a power supply from 2.7 V to 5.25 V.
The B-grade parts (AD7794 and AD7795) are specified for a
temperature range of −40°C to +105°C while the C-grade part
(AD7794) is specified for a temperature range of −40°C to
+125°C. They consume a current of 400 μA typical and are
housed in a 24-lead TSSOP.
FUNCTIONAL BLOCK DIAGRAM
DOUT/RDY
DIN
SCLK
CS
DVDD
SERIAL
INTERFACE
AND
LOGIC
CONTROL
Σ-Δ
ADC
AD7794: 24-BIT ADC
AD7795: 16-BIT ADC
AD7794/AD7795
AIN1(+)
AIN1(–)
AIN2(+)
AIN2(–)
AIN3(+)
AIN3(–)
AIN5(+)/IOUT2
AIN5(–)/IOUT1
AIN6(+)/P1
AIN6(–)/P2
VDD
GND
MUX
VBIAS
PSW
GND
BAND GAP
REFERENCE
TEMP
SENSOR
CLK
INTERNAL
CLOCK
GND
REFERENCE
DETECT
GND
AVDD
AIN4(+)/REFIN2(+) REFIN1(+) AIN4(–)/REFIN2(–) REFIN1(–)
VDD
IN-AMP
BUF
Figure 1.


Podobny numer części - AD7794_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7794 AD-AD7794_15 Datasheet
767Kb / 37P
   6-Channel, Low Noise, Low Power
REV. D
More results

Podobny opis - AD7794_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7792 AD-AD7792_07 Datasheet
661Kb / 32P
   3-Channel, Low Noise, Low Power, 16-/24-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. B
AD7799BRUZ-REEL AD-AD7799BRUZ-REEL Datasheet
897Kb / 28P
   3-Channel, Low Noise, Low Power, 16-/24-Bit, 誇-? ADC with On-Chip In-Amp
REV. A
AD7798 AD-AD7798 Datasheet
445Kb / 28P
   3-Channel, Low Noise, Low Power, 16-/24-Bit, ADC with On-Chip In-Amp
REV. B
AD7785 AD-AD7785 Datasheet
635Kb / 32P
   3-Channel, Low Noise, Low Power, 20-Bit ??? ADC with On-Chip In-Amp and Reference
REV. 0
AD7785 AD-AD7785_17 Datasheet
480Kb / 33P
   3-Channel, Low Noise, Low Power ADC with On-Chip In-Amp and Reference
AD7792 AD-AD7792 Datasheet
241Kb / 18P
   Low Power, 16/24-Bit Sigma-Delta ADC with Low-Noise In-Amp and Embedded Reference
REV.PrF 6/04
AD7794 AD-AD7794 Datasheet
260Kb / 21P
   Low Power, 24-Bit Sigma-Delta ADC with In-Amp and Embedded Reference (6 Channel)
REV.PrE 6/04
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com