Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG419BRMZ-REEL1 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADG419BRMZ-REEL1
Szczegółowy opis  LC2MOS Precision Mini-DIP Analog Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG419BRMZ-REEL1 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADG419BRMZ-REEL1 Datasheet HTML 7Page - Analog Devices ADG419BRMZ-REEL1 Datasheet HTML 8Page - Analog Devices ADG419BRMZ-REEL1 Datasheet HTML 9Page - Analog Devices ADG419BRMZ-REEL1 Datasheet HTML 10Page - Analog Devices ADG419BRMZ-REEL1 Datasheet HTML 11Page - Analog Devices ADG419BRMZ-REEL1 Datasheet HTML 12Page - Analog Devices ADG419BRMZ-REEL1 Datasheet HTML 13Page - Analog Devices ADG419BRMZ-REEL1 Datasheet HTML 14Page - Analog Devices ADG419BRMZ-REEL1 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADG419
Rev. B | Page 11 of 16
TERMINOLOGY
VDD
Most positive power supply potential.
VSS
Most negative power supply potential in dual-supply applications.
In single-supply applications, it may be connected to GND.
VL
Logic power supply (5 V).
GND
Ground (0 V) reference.
S
Source terminal. May be an input or an output.
D
Drain terminal. May be an input or an output.
IN
Logic control input.
RON
Ohmic resistance between D and S.
IS (Off)
Source leakage current with the switch off.
ID (Off)
Drain leakage current with the switch off.
ID, IS (On)
Channel leakage current with the switch on.
VD (VS)
Analog voltage on terminals D, S.
CS (Off)
Off switch source capacitance.
CD, CS (On)
On switch capacitance.
tTRANSITION
Delay time between the 50% and 90% points of the digital
inputs and the switch on condition when switching from one
address state to another.
tD
Off time or on time measured between the 90% points of both
switches when switching from one address state to the other.
VINL
Maximum input voltage for Logic 0.
VINH
Minimum input voltage for Logic 1.
IINL (IINH)
Input current of the digital input.
Crosstalk
A measure of unwanted signal that is coupled through from one
channel to another as a result of parasitic capacitance.
Off Isolation
A measure of unwanted signal coupling through an off channel.
IDD
Positive supply current.
ISS
Negative supply current.


Podobny numer części - ADG419BRMZ-REEL1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG419BRM AD-ADG419BRM Datasheet
113Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
More results

Podobny opis - ADG419BRMZ-REEL1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG419 AD-ADG419 Datasheet
113Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
ADG417BRZ AD-ADG417BRZ Datasheet
92Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
ADG417 AD-ADG417 Datasheet
91Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
ADG419 AD-ADG419_15 Datasheet
317Kb / 16P
   LC MOS Precision Mini-DIP Analog Switch
REV. B
AD7233 AD-AD7233 Datasheet
99Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. A
AD7233ANZ AD-AD7233ANZ Datasheet
95Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
logo
Vishay Siliconix
DG333ADW-T1-E3 VISHAY-DG333ADW-T1-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. D, 05-Sep-11
logo
Pericom Semiconductor C...
PI5A101 PERICOM-PI5A101 Datasheet
446Kb / 10P
   Precision Wide-Bandwidth Analog Switch
logo
Vishay Siliconix
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
DG333A VISHAY-DG333A_11 Datasheet
136Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. C, 31-Jan-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com