Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG419BRMZ-REEL71 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADG419BRMZ-REEL71
Szczegółowy opis  LC2MOS Precision Mini-DIP Analog Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG419BRMZ-REEL71 Arkusz danych(HTML) 5 Page - Analog Devices

  ADG419BRMZ-REEL71 Datasheet HTML 1Page - Analog Devices ADG419BRMZ-REEL71 Datasheet HTML 2Page - Analog Devices ADG419BRMZ-REEL71 Datasheet HTML 3Page - Analog Devices ADG419BRMZ-REEL71 Datasheet HTML 4Page - Analog Devices ADG419BRMZ-REEL71 Datasheet HTML 5Page - Analog Devices ADG419BRMZ-REEL71 Datasheet HTML 6Page - Analog Devices ADG419BRMZ-REEL71 Datasheet HTML 7Page - Analog Devices ADG419BRMZ-REEL71 Datasheet HTML 8Page - Analog Devices ADG419BRMZ-REEL71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADG419
Rev. B | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
TA= 25°C unless otherwise noted.
Table 3.
Parameter
Rating
VDD to VSS
44 V
VDD to GND
−0.3 V to +25 V
VSS to GND
+0.3 V to −25 V
VL to GND
−0.3 V to VDD + 0.3 V
Analog, Digital Inputs1
VSS − 2 V to VDD + 2 V
or 30 mA, whichever
occurs first
Continuous Current, S or D
30 mA
Peak Current, S or D (Pulsed at 1 ms,
10% Duty-Cycle Maximum)
100 mA
Operating Temperature Range
Industrial (B Version)
−40°C to +125°C
Extended (T Version)
−55°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
CERDIP Package, Power Dissipation
600 mW
θJA, Thermal Impedance
110°C/W
Lead Temperature, Soldering (10 sec)
300°C
PDIP Package, Power Dissipation
400 mW
θJA, Thermal Impedance
100°C/W
Lead Temperature, Soldering (10 sec)
260°C
SOIC Package, Power Dissipation
400 mW
θJA, Thermal Impedance
155°C/W
MSOP Package, Power Dissipation
315 mW
θJA, Thermal Impedance
205°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
1Overvoltages at IN, S or D is clamped by internal diodes. Limit current to the
maximum ratings given.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Podobny numer części - ADG419BRMZ-REEL71

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG419BRM AD-ADG419BRM Datasheet
113Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
More results

Podobny opis - ADG419BRMZ-REEL71

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG419 AD-ADG419 Datasheet
113Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
ADG417BRZ AD-ADG417BRZ Datasheet
92Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
ADG417 AD-ADG417 Datasheet
91Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
ADG419 AD-ADG419_15 Datasheet
317Kb / 16P
   LC MOS Precision Mini-DIP Analog Switch
REV. B
AD7233 AD-AD7233 Datasheet
99Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. A
AD7233ANZ AD-AD7233ANZ Datasheet
95Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
logo
Vishay Siliconix
DG333ADW-T1-E3 VISHAY-DG333ADW-T1-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. D, 05-Sep-11
logo
Pericom Semiconductor C...
PI5A101 PERICOM-PI5A101 Datasheet
446Kb / 10P
   Precision Wide-Bandwidth Analog Switch
logo
Vishay Siliconix
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
DG333A VISHAY-DG333A_11 Datasheet
136Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. C, 31-Jan-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com