Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG419TQ Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADG419TQ
Szczegółowy opis  LC2MOS Precision Mini-DIP Analog Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG419TQ Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADG419TQ Datasheet HTML 2Page - Analog Devices ADG419TQ Datasheet HTML 3Page - Analog Devices ADG419TQ Datasheet HTML 4Page - Analog Devices ADG419TQ Datasheet HTML 5Page - Analog Devices ADG419TQ Datasheet HTML 6Page - Analog Devices ADG419TQ Datasheet HTML 7Page - Analog Devices ADG419TQ Datasheet HTML 8Page - Analog Devices ADG419TQ Datasheet HTML 9Page - Analog Devices ADG419TQ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADG419
Rev. B | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
8
7
6
5
1
2
3
4
D
S1
GND
S2
IN
ADG419
TOP VIEW
(Not to Scale)
VDD
VL
VSS
Figure 2. Pin Configuration
Table 4. Pin Function Description
Pin No.
Mnemonic
Description
1
D
Drain terminal. May be an input or an output.
2
S1
Source terminal. May be an input or an output.
3
GND
Ground (0 V) reference.
4
VDD
Most positive power supply potential.
5
VL
Logic power supply (5 V).
6
IN
Logic control input.
7
VSS
Most negative power supply potential in dual-supply applications. In single-supply applications, it may be
connected to GND.
8
S2
Source terminal. May be an input or an output.
Table 5. Truth Table
Logic
Switch 1
Switch 2
0
On
Off
1
Off
On


Podobny numer części - ADG419TQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG419TQ AD-ADG419TQ Datasheet
113Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
More results

Podobny opis - ADG419TQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG419 AD-ADG419 Datasheet
113Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
ADG417BRZ AD-ADG417BRZ Datasheet
92Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
ADG417 AD-ADG417 Datasheet
91Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
ADG419 AD-ADG419_15 Datasheet
317Kb / 16P
   LC MOS Precision Mini-DIP Analog Switch
REV. B
AD7233 AD-AD7233 Datasheet
99Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. A
AD7233ANZ AD-AD7233ANZ Datasheet
95Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
logo
Vishay Siliconix
DG333ADW-T1-E3 VISHAY-DG333ADW-T1-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. D, 05-Sep-11
logo
Pericom Semiconductor C...
PI5A101 PERICOM-PI5A101 Datasheet
446Kb / 10P
   Precision Wide-Bandwidth Analog Switch
logo
Vishay Siliconix
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
DG333A VISHAY-DG333A_11 Datasheet
136Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. C, 31-Jan-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com