Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG619 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADG619
Szczegółowy opis  CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG619 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADG619_07 Datasheet HTML 7Page - Analog Devices ADG619_07 Datasheet HTML 8Page - Analog Devices ADG619_07 Datasheet HTML 9Page - Analog Devices ADG619_07 Datasheet HTML 10Page - Analog Devices ADG619_07 Datasheet HTML 11Page - Analog Devices ADG619_07 Datasheet HTML 12Page - Analog Devices ADG619_07 Datasheet HTML 13Page - Analog Devices ADG619_07 Datasheet HTML 14Page - Analog Devices ADG619_07 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADG619/ADG620
Rev. C | Page 11 of 16
TEST CIRCUITS
IDS
V1
S
VS
RON =V1/IDS
D
SD
VD
VS
ID (OFF)
IS (OFF)
A
A
SD
VD
ID (ON)
NC
A
Figure 15. On Resistance
Figure 16. Off Leakage
Figure 17. On Leakage
VDD
0.1µF
VS
IN
SD
VDD
GND
RL
300Ω
CL
35pF
VOUT
VSS
0.1µF
VSS
50%
50%
90%
90%
VIN
VOUT
tOFF
tON
Figure 18. Switching Times
D
VDD
GND
90%
90%
50%
0V
0V
VSS
VDD
VS1
IN
S1
RL2
300Ω
CL2
35pF
VOUT
VSS
0.1µF
VIN
VOUT
tBBM
VS2
VIN
S2
D2
0.1µF
tBBM
50%
Figure 19. Break-Before-Make Time Delay, tBBM (ADG619 Only)
VS1
VDD
GND
VSS
VDD
VS1
IN
RL2
300Ω
CL2
35pF
VSS
0.1µF
VD
VIN
0.1µF
CL1
35pF
RL1
300Ω
50%
50%
0V
VIN
VS1
VS2
80%VD
80%VD
tMBB
Figure 20. Make-Before-Break Time Delay, tMBB (ADG620 Only)
DS
VDD
IN
VS
GND
CL
1nF
VOUT
RS
VDD
VSS
VSS
VIN
VOUT
ΔVOUT
QINJ =CL × ΔVOUT
ΔVOUT
S1
S2
Figure 21. Charge Injection


Podobny numer części - ADG619_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG619BRM AD-ADG619BRM Datasheet
145Kb / 8P
   CMOS -5 V/ 5V 4 OHM SINGLE SPDT SWITCHES
REV. 0
ADG619BRT AD-ADG619BRT Datasheet
145Kb / 8P
   CMOS -5 V/ 5V 4 OHM SINGLE SPDT SWITCHES
REV. 0
ADG619 AD-ADG619_15 Datasheet
365Kb / 16P
   Single SPDT Switches
REV. C
More results

Podobny opis - ADG619_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG623BRMZ AD-ADG623BRMZ Datasheet
378Kb / 12P
   CMOS 짹5 V/5 V, 4 廓 Dual SPST Switches
REV. B
ADG633 AD-ADG633_09 Datasheet
384Kb / 16P
   CMOS, 짹5 V/5 V/3 V, Triple SPDT Switch
REV. A
ADG1633 AD-ADG1633 Datasheet
539Kb / 20P
   4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
ADG619 AD-ADG619 Datasheet
145Kb / 8P
   CMOS -5 V/ 5V 4 OHM SINGLE SPDT SWITCHES
REV. 0
ADG1636 AD-ADG1636 Datasheet
526Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
REV. A
ADG1611 AD-ADG1611 Datasheet
436Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
REV. B
ADG622BRMZ AD-ADG622BRMZ Datasheet
378Kb / 12P
   CMOS 5 V/5 V, 4 Dual SPST Switches
REV. B
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG4612 AD-ADG4612 Datasheet
393Kb / 24P
   Power-Off Protection 짹5 V, 12 V, Quad SPST Switches with 5 廓 On Resistance
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com