Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG451BR-REEL7 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADG451BR-REEL7
Szczegółowy opis  LC2MOS 5 廓 RON SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG451BR-REEL7 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADG451BR-REEL7 Datasheet HTML 5Page - Analog Devices ADG451BR-REEL7 Datasheet HTML 6Page - Analog Devices ADG451BR-REEL7 Datasheet HTML 7Page - Analog Devices ADG451BR-REEL7 Datasheet HTML 8Page - Analog Devices ADG451BR-REEL7 Datasheet HTML 9Page - Analog Devices ADG451BR-REEL7 Datasheet HTML 10Page - Analog Devices ADG451BR-REEL7 Datasheet HTML 11Page - Analog Devices ADG451BR-REEL7 Datasheet HTML 12Page - Analog Devices ADG451BR-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADG451/ADG452/ADG453
Rev. C | Page 9 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
VD OR VS DRAIN OR SOURCE VOLTAGE (V)
9
8
7
6
5
4
3
0
2
1
TA = 25°C
VL =5V
VDD =+13.5V
VSS = –13.5V
VDD =+16.5V
VSS = –16.5V
VDD =+15V
VSS = –15V
VDD =+5V
VSS = –5V
Figure 5. On Resistance as a Function of VD (VS) for Various
Dual Supplies
VD OR VS DRAIN OR SOURCE VOLTAGE (V)
15
–15
–10
–5
0
10
5
7
4
5
6
3
1
2
0
+85°C
VDD = +15V
VSS = –15V
VL =+5V
+25°C
–40°C
Figure 6. On Resistance as a Function of VD (VS) for Different
Temperatures with Dual Supplies
VD OR VS DRAIN OR SOURCE VOLTAGE (V)
18
03
69
12
15
16
14
12
10
8
6
4
2
0
TA =25°C
VL =5V
VDD =5V
VSS =0V
VDD = 13.5V
VSS =0V
VDD =15V
VSS =0V
VDD = 16.5V
VSS =0V
Figure 7. On Resistance as a Function of VD (VS) for Various
Single Supplies
TEMPERATURE (°C)
85
25
35
45
55
75
65
10
1
0.1
0.01
IS (OFF)
ID (OFF)
ID (ON)
VDD = +15V
VSS = –15V
VL =+5V
VD = +15V
VS = –15V
Figure 8. Leakage Currents as a Function of Temperature
FREQUENCY (Hz)
10M
10
100
1k
10k
100k
1M
100k
10k
100
1
1k
10
0.1
0.01
IL
1SW
I+,I+
4SW
VDD =+15V
VSS = –15V
VL =+5V
Figure
9. Supply Current vs. Input Switching Frequency
VD OR VS DRAIN OR SOURCE VOLTAGE (V)
16
02
46
8
10
12
14
12
9
10
11
6
7
8
1
2
3
4
5
0
–40°C
+25°C
+85°C
VDD = 15V
VSS =0V
VL =5V
Figure 10. On Resistance as a Function of VD (VS) for Different
Temperatures with Single Supplies


Podobny numer części - ADG451BR-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG451BR AD-ADG451BR Datasheet
161Kb / 12P
   LC2MOS 5 ohm RON SPST Switches
REV. A
More results

Podobny opis - ADG451BR-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG451 AD-ADG451 Datasheet
161Kb / 12P
   LC2MOS 5 ohm RON SPST Switches
REV. A
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG663BRUZ AD-ADG663BRUZ Datasheet
131Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG661 AD-ADG661 Datasheet
123Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG444BRZ AD-ADG444BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
ADG201A AD-ADG201A Datasheet
228Kb / 6P
   LC2MOS QUAD SPST SWITCHES
REV. A
ADG211A AD-ADG211A Datasheet
277Kb / 8P
   LC2MOS QUAD SPST SWITCHES
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com