Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG658YRQ-REEL Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADG658YRQ-REEL
Szczegółowy opis  3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG658YRQ-REEL Arkusz danych(HTML) 1 Page - Analog Devices

  ADG658YRQ-REEL Datasheet HTML 1Page - Analog Devices ADG658YRQ-REEL Datasheet HTML 2Page - Analog Devices ADG658YRQ-REEL Datasheet HTML 3Page - Analog Devices ADG658YRQ-REEL Datasheet HTML 4Page - Analog Devices ADG658YRQ-REEL Datasheet HTML 5Page - Analog Devices ADG658YRQ-REEL Datasheet HTML 6Page - Analog Devices ADG658YRQ-REEL Datasheet HTML 7Page - Analog Devices ADG658YRQ-REEL Datasheet HTML 8Page - Analog Devices ADG658YRQ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
+3 V/+5 V/±5 V CMOS 4- and 8-Channel
Analog Multiplexers
ADG658/ADG659
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2004–2009 Analog Devices, Inc. All rights reserved.
FEATURES
±2 V to ±6 V dual supply
2 V to 12 V single supply
Automotive temperature range −40°C to +125°C
<0.1 nA leakage currents
45 Ω on resistance over full signal range
Rail-to-rail switching operation
Single 8-to-1 multiplexer ADG658
Differential 4-to-1 multiplexer ADG659
16-lead LFCSP/TSSOP/QSOP packages
Typical power consumption <0.1 μW
TTL/CMOS compatible inputs
Package upgrades to 74HC4051/74HC4052 and
MAX4051/MAX4052/MAX4581/MAX4582
APPLICATIONS
Automotive applications
Automatic test equipment
Data acquisition systems
Battery-powered systems
Communication systems
Audio and video signal routing
Relay replacement
Sample-and-hold systems
Industrial control systems
FUNCTIONAL BLOCK DIAGRAM
S1
S8
S1A
S4B
S4A
D
DB
DA
A0
A1
EN
A0
A1
A2
1 OF 8
DECODER
1 OF 4
DECODER
SWITCHES SHOWN FOR A LOGIC 1 INPUT
ADG659
S1B
EN
ADG658
Figure 1.
GENERAL DESCRIPTION
The ADG658 and ADG659 are low voltage, CMOS analog
multiplexers comprised of eight single channels and four
differential channels, respectively. The ADG658 switches one of
eight inputs (S1–S8) to a common output, D, as determined by
the 3-bit binary address lines A0, A1, and A2. The ADG659
switches one of four differential inputs to a common differential
output, as determined by the 2-bit binary address lines A0 and
A1. An EN input on both devices is used to enable or disable
the device. When disabled, all channels are switched off.
These parts are designed on an enhanced process that provides
lower power dissipation yet gives high switching speeds. These parts
can operate equally well as either multiplexers or demultiplexers
and have an input range that extends to the supplies. All
channels exhibit break-before-make switching action, preventing
momentary shorting when switching channels. All digital inputs
have 0.8 V to 2.4 V logic thresholds, ensuring TTL/CMOS logic
compatibility when using single +5 V or dual ±5 V supplies.
The ADG658 and ADG659 are available in 16-lead TSSOP/
QSOP packages and 16-lead 4 mm × 4 mm LFCSP packages.
PRODUCT HIGHLIGHTS
1.
Single- and dual-supply operation. The ADG658 and
ADG659 offer high performance and are fully specified
and guaranteed with ±5 V, +5 V, and +3 V supply rails.
2.
Automotive temperature range −40°C to +125°C.
3.
Low power consumption, typically <0.1 μW.
4.
16-lead 4 mm × 4 mm LFCSP packages, 16-lead TSSOP
package and 16-lead QSOP package.


Podobny numer części - ADG658YRQ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG658YRQ-REEL AD-ADG658YRQ-REEL Datasheet
395Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
Rev. A
ADG658YRQ-REEL7 AD-ADG658YRQ-REEL7 Datasheet
395Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
Rev. A
More results

Podobny opis - ADG658YRQ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG658 AD-ADG658 Datasheet
395Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
Rev. A
ADG1608 AD-ADG1608 Datasheet
526Kb / 20P
   4.5 廓 RON, 4-/8-Channel 짹5 V,12 V, 5 V, and 3.3 V Multiplexers
REV. 0
ADG608BRZ-REEL AD-ADG608BRZ-REEL Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BNZ AD-ADG609BNZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BNZ AD-ADG608BNZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BRZ AD-ADG609BRZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608 AD-ADG608 Datasheet
158Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609 AD-ADG609_15 Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com