Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG620BRT-REEL Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADG620BRT-REEL
Szczegółowy opis  CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG620BRT-REEL Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADG620BRT-REEL Datasheet HTML 6Page - Analog Devices ADG620BRT-REEL Datasheet HTML 7Page - Analog Devices ADG620BRT-REEL Datasheet HTML 8Page - Analog Devices ADG620BRT-REEL Datasheet HTML 9Page - Analog Devices ADG620BRT-REEL Datasheet HTML 10Page - Analog Devices ADG620BRT-REEL Datasheet HTML 11Page - Analog Devices ADG620BRT-REEL Datasheet HTML 12Page - Analog Devices ADG620BRT-REEL Datasheet HTML 13Page - Analog Devices ADG620BRT-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADG619/ADG620
Rev. C | Page 10 of 16
TERMINOLOGY
IDD
Positive supply current.
ISS
Negative supply current.
RON
Ohmic resistance between D and S terminals.
ΔRON
On resistance match between any two channels.
RFLAT (ON)
Flatness is defined as the difference between the maximum and
minimum value of on resistance as measured over the specified
analog signal range.
IS (Off)
Source leakage current with the switch off.
ID, IS (On)
Channel leakage current with the switch on.
VD, VS
Analog voltage on Terminal D and Terminal S.
VINL
Maximum input voltage for Logic 0.
VINH
Minimum input voltage for Logic 1.
IINL, IINH
Input current of the digital input.
CS (Off)
Off switch source capacitance.
CD, CS (On)
On switch capacitance.
tON
Delay between applying the digital control input and the output
switching on.
tOFF
Delay between applying the digital control input and the output
switching off.
tMBB
On time is measured between the 80% points of both switches,
when switching from one address state to another.
tBBM
Off time or on time is measured between the 90% points of
both switches, when switching from one address state
to another.
Charge Injection
A measure of the glitch impulse transferred from the digital
input to the analog output during switching.
Crosstalk
A measure of unwanted signal coupled through from one
channel to another as a result of parasitic capacitance.
Off Isolation
A measure of unwanted signal coupling through an off switch.
Bandwidth
The frequency response of the on switch.
Insertion Loss
The loss due to the on resistance of the switch.


Podobny numer części - ADG620BRT-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG620BRT AD-ADG620BRT Datasheet
145Kb / 8P
   CMOS -5 V/ 5V 4 OHM SINGLE SPDT SWITCHES
REV. 0
More results

Podobny opis - ADG620BRT-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG623BRMZ AD-ADG623BRMZ Datasheet
378Kb / 12P
   CMOS 짹5 V/5 V, 4 廓 Dual SPST Switches
REV. B
ADG633 AD-ADG633_09 Datasheet
384Kb / 16P
   CMOS, 짹5 V/5 V/3 V, Triple SPDT Switch
REV. A
ADG1633 AD-ADG1633 Datasheet
539Kb / 20P
   4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
ADG619 AD-ADG619 Datasheet
145Kb / 8P
   CMOS -5 V/ 5V 4 OHM SINGLE SPDT SWITCHES
REV. 0
ADG1636 AD-ADG1636 Datasheet
526Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
REV. A
ADG1611 AD-ADG1611 Datasheet
436Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
REV. B
ADG622BRMZ AD-ADG622BRMZ Datasheet
378Kb / 12P
   CMOS 5 V/5 V, 4 Dual SPST Switches
REV. B
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG4612 AD-ADG4612 Datasheet
393Kb / 24P
   Power-Off Protection 짹5 V, 12 V, Quad SPST Switches with 5 廓 On Resistance
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com