Zakładka z wyszukiwarką danych komponentów |
|
ADG620BRTZ-REEL72 Arkusz danych(PDF) 10 Page - Analog Devices |
|
ADG620BRTZ-REEL72 Arkusz danych(HTML) 10 Page - Analog Devices |
10 / 16 page ADG619/ADG620 Rev. C | Page 10 of 16 TERMINOLOGY IDD Positive supply current. ISS Negative supply current. RON Ohmic resistance between D and S terminals. ΔRON On resistance match between any two channels. RFLAT (ON) Flatness is defined as the difference between the maximum and minimum value of on resistance as measured over the specified analog signal range. IS (Off) Source leakage current with the switch off. ID, IS (On) Channel leakage current with the switch on. VD, VS Analog voltage on Terminal D and Terminal S. VINL Maximum input voltage for Logic 0. VINH Minimum input voltage for Logic 1. IINL, IINH Input current of the digital input. CS (Off) Off switch source capacitance. CD, CS (On) On switch capacitance. tON Delay between applying the digital control input and the output switching on. tOFF Delay between applying the digital control input and the output switching off. tMBB On time is measured between the 80% points of both switches, when switching from one address state to another. tBBM Off time or on time is measured between the 90% points of both switches, when switching from one address state to another. Charge Injection A measure of the glitch impulse transferred from the digital input to the analog output during switching. Crosstalk A measure of unwanted signal coupled through from one channel to another as a result of parasitic capacitance. Off Isolation A measure of unwanted signal coupling through an off switch. Bandwidth The frequency response of the on switch. Insertion Loss The loss due to the on resistance of the switch. |
Podobny numer części - ADG620BRTZ-REEL72 |
|
Podobny opis - ADG620BRTZ-REEL72 |