Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG702BRJ-500RL7 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADG702BRJ-500RL7
Szczegółowy opis  CMOS Low Voltage 2 廓 SPST Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG702BRJ-500RL7 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADG702BRJ-500RL7 Datasheet HTML 4Page - Analog Devices ADG702BRJ-500RL7 Datasheet HTML 5Page - Analog Devices ADG702BRJ-500RL7 Datasheet HTML 6Page - Analog Devices ADG702BRJ-500RL7 Datasheet HTML 7Page - Analog Devices ADG702BRJ-500RL7 Datasheet HTML 8Page - Analog Devices ADG702BRJ-500RL7 Datasheet HTML 9Page - Analog Devices ADG702BRJ-500RL7 Datasheet HTML 10Page - Analog Devices ADG702BRJ-500RL7 Datasheet HTML 11Page - Analog Devices ADG702BRJ-500RL7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADG701/ADG702
Rev. C | Page 11 of 12
OUTLINE DIMENSIONS
0.80
0.60
0.40
4
8
1
5
4.90
BSC
PIN 1
0.65 BSC
3.00
BSC
SEATING
PLANE
0.15
0.00
0.38
0.22
1.10 MAX
3.00
BSC
COPLANARITY
0.10
0.23
0.08
COMPLIANT TO JEDEC STANDARDS MO-187-AA
Figure 20. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters
1
3
4
5
2
6
2.90 BSC
1.60 BSC
2.80 BSC
1.90
BSC
0.95 BSC
0.22
0.08
10°
0.50
0.30
0.15 MAX
1.30
1.15
0.90
SEATING
PLANE
1.45 MAX
0.60
0.45
0.30
PIN 1
INDICATOR
COMPLIANT TO JEDEC STANDARDS MO-178-AB
Figure 21. 6-Lead Small Outline Transistor Package [SOT-23]
(RT-6)
Dimensions shown in millimeters


Podobny numer części - ADG702BRJ-500RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG702BRJ-500RL7 AD-ADG702BRJ-500RL7 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
More results

Podobny opis - ADG702BRJ-500RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG702BRMZ AD-ADG702BRMZ Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG711BRZ AD-ADG711BRZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG711BRUZ AD-ADG711BRUZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
logo
Maxim Integrated Produc...
MAX4677 MAXIM-MAX4677_V01 Datasheet
1Mb / 13P
   2廓, Quad, SPST, CMOS Analog Switches
2021
logo
Analog Devices
ADG701L AD-ADG701L Datasheet
598Kb / 12P
   CMOS Low Voltage 2 OHM SPST Switches
REV. 0
logo
Maxim Integrated Produc...
MAX4594 MAXIM-MAX4594_V01 Datasheet
589Kb / 10P
   Low-Voltage, Single-Supply, 10廓 SPST CMOS Analog Switches
2004
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
logo
Analog Devices
ADG701 AD-ADG701 Datasheet
108Kb / 8P
   CMOS Low Voltage 2ohm SPST Switches
REV. A
logo
Maxim Integrated Produc...
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com