Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG702BRM Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADG702BRM
Szczegółowy opis  CMOS Low Voltage 2 廓 SPST Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG702BRM Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADG702BRM Datasheet HTML 4Page - Analog Devices ADG702BRM Datasheet HTML 5Page - Analog Devices ADG702BRM Datasheet HTML 6Page - Analog Devices ADG702BRM Datasheet HTML 7Page - Analog Devices ADG702BRM Datasheet HTML 8Page - Analog Devices ADG702BRM Datasheet HTML 9Page - Analog Devices ADG702BRM Datasheet HTML 10Page - Analog Devices ADG702BRM Datasheet HTML 11Page - Analog Devices ADG702BRM Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADG701/ADG702
Rev. C | Page 8 of 12
TERMINOLOGY
Table 7.
Term
Description
RON
Ohmic resistance between D and S.
RFLAT(ON)
Flatness is defined as the difference between the maximum and minimum value of on resistance as measured over the
specified analog signal range.
IS (OFF)
Source leakage current with the switch off.
ID (OFF)
Drain leakage current with the switch off.
ID, IS (ON)
Channel leakage current with the switch on.
VD (VS)
Analog voltage on terminals D and S.
CS (OFF)
Off switch source capacitance.
CD (OFF)
Off switch drain capacitance.
CD, CS (ON)
On switch capacitance.
tON
Delay between applying the digital control input and the output switching on. See Figure 14.
tOFF
Delay between applying the digital control input and the output switching off.
Off Isolation
A measure of unwanted signal coupling through an off switch.
Charge Injection
A measure of the glitch impulse transferred from the digital input to the analog output during switching.
Bandwidth
The frequency at which the output is attenuated by −3 dB.
On Response
The frequency response of the on switch.
On Loss
The voltage drop across the on switch seen in Figure 10 as the number of decibels that the signal is from 0 dB at very
low frequencies.


Podobny numer części - ADG702BRM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG702BRM AD-ADG702BRM Datasheet
108Kb / 8P
   CMOS Low Voltage 2ohm SPST Switches
REV. A
ADG702BRM AD-ADG702BRM Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG702BRM-REEL AD-ADG702BRM-REEL Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG702BRM-REEL7 AD-ADG702BRM-REEL7 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG702BRMZ AD-ADG702BRMZ Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
More results

Podobny opis - ADG702BRM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG702BRMZ AD-ADG702BRMZ Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG711BRZ AD-ADG711BRZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG711BRUZ AD-ADG711BRUZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
logo
Maxim Integrated Produc...
MAX4677 MAXIM-MAX4677_V01 Datasheet
1Mb / 13P
   2廓, Quad, SPST, CMOS Analog Switches
2021
logo
Analog Devices
ADG701L AD-ADG701L Datasheet
598Kb / 12P
   CMOS Low Voltage 2 OHM SPST Switches
REV. 0
logo
Maxim Integrated Produc...
MAX4594 MAXIM-MAX4594_V01 Datasheet
589Kb / 10P
   Low-Voltage, Single-Supply, 10廓 SPST CMOS Analog Switches
2004
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
logo
Analog Devices
ADG701 AD-ADG701 Datasheet
108Kb / 8P
   CMOS Low Voltage 2ohm SPST Switches
REV. A
logo
Maxim Integrated Produc...
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com