Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG723BRM Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADG723BRM
Szczegółowy opis  CMOS, Low Voltage, 4 廓 Dual SPST Switches in 3 mm 횞 2 mm LFCSP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG723BRM Arkusz danych(HTML) 5 Page - Analog Devices

  ADG723BRM Datasheet HTML 1Page - Analog Devices ADG723BRM Datasheet HTML 2Page - Analog Devices ADG723BRM Datasheet HTML 3Page - Analog Devices ADG723BRM Datasheet HTML 4Page - Analog Devices ADG723BRM Datasheet HTML 5Page - Analog Devices ADG723BRM Datasheet HTML 6Page - Analog Devices ADG723BRM Datasheet HTML 7Page - Analog Devices ADG723BRM Datasheet HTML 8Page - Analog Devices ADG723BRM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
ADG721/ADG722/ADG723
Rev. E | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C unless otherwise noted.
Table 3.
Parameter
Rating
VDD to GND
−0.3 V to +7 V
Analog, Digital Inputs1
−0.3 V to VDD + 0.3 V or 30 mA,
whichever occurs first
Continuous Current, S or D
30 mA
Operating Temperature Range
Industrial (A, B Grade)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
+150°C
8-Lead MSOP
θJA Thermal Impedance
206°C/W
θJC Thermal Impedance
44°C/W
8-Lead LFCSP (4-Layer Board)
θJA Thermal Impedance1
50.8°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Lead-Free Temperature,
Soldering
IR Reflow, Peak Temperature
260°C (+0/−5°C)
Time at Peak Temperature
10 sec to 40 sec
ESD
2 kV
1
Assumes exposed paddle is tied to ground.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Podobny numer części - ADG723BRM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG723BRM AD-ADG723BRM Datasheet
204Kb / 8P
   CMOS Low Voltage 4 ohm Dual SPST Switches
REV. 0
More results

Podobny opis - ADG723BRM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG702BRMZ AD-ADG702BRMZ Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG701 AD-ADG701_06 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG711BRZ AD-ADG711BRZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG711BRUZ AD-ADG711BRUZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG721 AD-ADG721 Datasheet
204Kb / 8P
   CMOS Low Voltage 4 ohm Dual SPST Switches
REV. 0
logo
Maxim Integrated Produc...
MAX4677 MAXIM-MAX4677_V01 Datasheet
1Mb / 13P
   2廓, Quad, SPST, CMOS Analog Switches
2021
logo
Analog Devices
ADG701L AD-ADG701L Datasheet
598Kb / 12P
   CMOS Low Voltage 2 OHM SPST Switches
REV. 0
logo
Maxim Integrated Produc...
MAX4641 MAXIM-MAX4641 Datasheet
198Kb / 10P
   High-Speed, Low-Voltage, 4?? Dual SPST CMOS Analog Switches
Rev 1; 2/02
logo
Analog Devices
ADG623BRMZ AD-ADG623BRMZ Datasheet
378Kb / 12P
   CMOS 짹5 V/5 V, 4 廓 Dual SPST Switches
REV. B
logo
Maxim Integrated Produc...
MAX4594 MAXIM-MAX4594_V01 Datasheet
589Kb / 10P
   Low-Voltage, Single-Supply, 10廓 SPST CMOS Analog Switches
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com