Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG723BRMZ Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADG723BRMZ
Szczegółowy opis  CMOS, Low Voltage, 4 廓 Dual SPST Switches in 3 mm 횞 2 mm LFCSP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG723BRMZ Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADG723BRMZ Datasheet HTML 2Page - Analog Devices ADG723BRMZ Datasheet HTML 3Page - Analog Devices ADG723BRMZ Datasheet HTML 4Page - Analog Devices ADG723BRMZ Datasheet HTML 5Page - Analog Devices ADG723BRMZ Datasheet HTML 6Page - Analog Devices ADG723BRMZ Datasheet HTML 7Page - Analog Devices ADG723BRMZ Datasheet HTML 8Page - Analog Devices ADG723BRMZ Datasheet HTML 9Page - Analog Devices ADG723BRMZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADG721/ADG722/ADG723
Data Sheet
Rev. E | Page 6 of 16
PIN CONFIGURATION AND PIN DESCRIPTIONS
8
7
6
5
1
2
3
4
S1
D1
IN2
GND
IN1
D2
S2
VDD
ADG721/
ADG722/
ADG723
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PADDLE OF LFCSP
SHOULD BE TIED TO GROUND.
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Descriptions
1
S1
Source Pin 1. May be an input or an output.
2
D1
Drain Pin 1. May be an input or an output.
3
IN2
Logic Control Input for Switch S2D2.
4
GND
Ground (0 V) Reference.
5
S2
Source Pin 2. May be an input or an output.
6
D2
Drain Pin 2. May be an input or an output.
7
IN1
Logic Control Input for Switch S1D1.
8
VDD
Positive Power Supply Input.
Table 5. Truth Table (ADG721/ADG722)
ADG721 In
ADG722 In
Switch Condition
0
1
Off
1
0
On
Table 6. Truth Table (ADG723)
Logic
Switch 1
Switch 2
0
Off
On
1
On
Off


Podobny numer części - ADG723BRMZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG723BRM AD-ADG723BRM Datasheet
204Kb / 8P
   CMOS Low Voltage 4 ohm Dual SPST Switches
REV. 0
More results

Podobny opis - ADG723BRMZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG702BRMZ AD-ADG702BRMZ Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG701 AD-ADG701_06 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG711BRZ AD-ADG711BRZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG711BRUZ AD-ADG711BRUZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG721 AD-ADG721 Datasheet
204Kb / 8P
   CMOS Low Voltage 4 ohm Dual SPST Switches
REV. 0
logo
Maxim Integrated Produc...
MAX4677 MAXIM-MAX4677_V01 Datasheet
1Mb / 13P
   2廓, Quad, SPST, CMOS Analog Switches
2021
logo
Analog Devices
ADG701L AD-ADG701L Datasheet
598Kb / 12P
   CMOS Low Voltage 2 OHM SPST Switches
REV. 0
logo
Maxim Integrated Produc...
MAX4641 MAXIM-MAX4641 Datasheet
198Kb / 10P
   High-Speed, Low-Voltage, 4?? Dual SPST CMOS Analog Switches
Rev 1; 2/02
logo
Analog Devices
ADG623BRMZ AD-ADG623BRMZ Datasheet
378Kb / 12P
   CMOS 짹5 V/5 V, 4 廓 Dual SPST Switches
REV. B
logo
Maxim Integrated Produc...
MAX4594 MAXIM-MAX4594_V01 Datasheet
589Kb / 10P
   Low-Voltage, Single-Supply, 10廓 SPST CMOS Analog Switches
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com